Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-711XPDZ Datasheet (PDF) - Broadcom Corporation.

AFCT-711XPDZ Datasheet PDF - Broadcom Corporation.
Part # AFCT-711XPDZ
Download  AFCT-711XPDZ Download
File Size   538.43 Kbytes
Page   15 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver

AFCT-711XPDZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFCT-711XPDZ Datasheet PDF - Broadcom Corporation.

Part # AFCT-711XPDZ
Download  AFCT-711XPDZ Click to download

File Size   538.43 Kbytes
Page   15 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver

AFCT-711XPDZ Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AFCT-711XPDZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results


Similar Description - AFCT-711XPDZ

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPM-2101WG OPTOWAY-XPM-2101WG Datasheet
293Kb / 9P
10Gb/s 1310 nm XFP Extended Multi-Mode Optical Transceiver for 10GbE-LRM Applications
logo
FCI connector
TRX10GDP0301 FCI-CONNECTOR-TRX10GDP0301 Datasheet
1Mb / 10P
10Gbit/s XFP LR, 1310 nm Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Finisar Corporation.
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
40km Multi-Rate DWDM XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Finisar Corporation.
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
40km Multi-Rate DWDM XFP Optical Transceiver
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com