Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFCT-711XPDZ Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AFCT-711XPDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AFCT-711XPDZ
Download  AFCT-711XPDZ Download
File Size   538.43 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver

AFCT-711XPDZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AFCT-711XPDZ Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AFCT-711XPDZ
Download  AFCT-711XPDZ Click to download

File Size   538.43 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver

AFCT-711XPDZ Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AFCT-711XPDZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results


Similar Description - AFCT-711XPDZ

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPM-2101WG OPTOWAY-XPM-2101WG Datasheet
293Kb / 9P
10Gb/s 1310 nm XFP Extended Multi-Mode Optical Transceiver for 10GbE-LRM Applications
logo
FCI connector
TRX10GDP0301 FCI-CONNECTOR-TRX10GDP0301 Datasheet
1Mb / 10P
10Gbit/s XFP LR, 1310 nm Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Finisar Corporation.
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
40km Multi-Rate DWDM XFP Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Finisar Corporation.
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
40km Multi-Rate DWDM XFP Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com