Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4095 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4095 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4095
Download  EM4095 Download
File Size   204.37 Kbytes
Page   10 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Read/Write analog front end for 125kHz RFID Basestation

EM4095 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4095 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4095
Download  EM4095 Click to download

File Size   204.37 Kbytes
Page   10 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Read/Write analog front end for 125kHz RFID Basestation

EM4095 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4095 Product details

Description

The EM4095 (previously named P4095) chip is a CMOS integrated transceiver circuit intended for use in an RFID basestation to perform the following functions:

-  antenna driving with carrier frequency

-  AM modulation of the field for writable transponder

-  AM demodulation of the antenna signal modulation induced by the transponder

communicate with a microprocessor via simple interface.



Features

Integrated PLL system to achieve self adaptive carrier frequency to antenna resonant frequency

No external quartz required

100 to 150 kHz carrier frequency range

Direct antenna driving using bridge drivers

Data transmission by OOK (100% Amplitude Modulation) using bridge driver

Data transmission by Amplitude Modulation with externally adjustable modulation index using single ended driver

Multiple transponder protocol compatibility (Ex: EM400X, EM4050, EM4150, EM4070, EM4170, EM4069….)

Sleep mode 1µA

USB compatible power supply range

40 to +85°C temperature range

Small outline plastic package SO16



Applications

Car immobiliser

Hand held reader

Low cost reader




Similar Part No. - EM4095

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4094 EMMICRO-EM4094 Datasheet
74Kb / 1P
Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
More results


Similar Description - EM4095

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
13.56 MHz Read/Write Passive RFID Device
2003
logo
List of Unclassifed Man...
MLX90109 ETC-MLX90109 Datasheet
143Kb / 9P
125kHz RFID Integrated Transceiver
logo
EM Microelectronic - MA...
EM4094 EMMICRO-EM4094 Datasheet
74Kb / 1P
Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109_06 Datasheet
256Kb / 15P
125kHz RFID Transceiver
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
Read/Write LF RFID IDIC Transponder 125KHz
logo
Melexis Microelectronic...
MLX90109 MELEXIS-MLX90109_12 Datasheet
300Kb / 16P
125kHz RFID Transceiver
DVK90109 MELEXIS-DVK90109 Datasheet
971Kb / 13P
125kHz RFID Development Kit
MLX90109 MELEXIS-MLX90109_17 Datasheet
917Kb / 17P
125kHz RFID Transceiver
logo
SparkFun Electronics
COM-14325 SPARKFUN-COM-14325 Datasheet
76Kb / 1P
RFID Tag (125kHz)
6-20-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com