Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4094 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4094 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4094
Download  EM4094 Download
File Size   74.16 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station

EM4094 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4094 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4094
Download  EM4094 Click to download

File Size   74.16 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Analog Front End Integrated Circuit for 13.56Mhz RFID Base Station

EM4094 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4094 Product details

General Description
The EM4094 is an integrated analog system for 13.56MHz RFID reader system. It is highly versatile so it can be used in different reader systems having sub-carrier frequencies from 212KHz to 848KHz, hence covering ISO 14443 and ISO 15693 standards.
The adaptability is achieved using a 3 wires serial interface to program the system option bits.
The transmitter generates 200 mW output power into 50Ω load and is capable of OOK or ASK modulation.

Features
❐ ISO 15693 & ISO14443 compatibility
❐ Oscillator using 13.56MHz Quartz with selectable transconductance (gm).
❐ Antenna driver using OOK or ASK modulation using single antenna driver
❐ ASK modulation adjustable in range from 7% to 30%
❐ High output power 200mW from 5V supply
❐ Antenna short circuit protection
❐ Multiple receiver input for high communication reliability
❐ AM/PM demodulation with AGC signal amplifier
❐ 848KHz BPSK internal decoder (type B)
❐ Multiple sub-carrier receiving compatibility (212kHz, 424kHz and 848kHz)
❐ Multiple sub-carrier coding compatibility (Manchester, BPSK)
❐ Built-in receive low-pass filter cut-off frequency selectable between 400kHz and 1MHz
❐ Built-in receive high-pass filter cut-off frequency selectable between 100kHz, 200kHz and 300kHz
❐ Selectable receive gain
❐ Serial 3 pin interface for option selection
❐ Power down mode controlled by the 3 wires SPI
❐ Output Power: 200mW for a SO20w Package 100mW for a SO16w Package
❐ Operation temperature range -40°C to +85°C

Applications
❐ Low cost reader solution
❐ Hand held reader




Similar Part No. - EM4094

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
EM4095HMSO16A EMMICRO-EM4095HMSO16A Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
More results


Similar Description - EM4094

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
Integrated Circuit FM Front End
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Aug-1999
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
Feb-2004
logo
EM Microelectronic - MA...
EM4095 EMMICRO-EM4095 Datasheet
204Kb / 10P
Read/Write analog front end for 125kHz RFID Basestation
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 70P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
STMicroelectronics
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Jan-2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com