Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6923 Datasheet (PDF) - Renesas Technology Corp

F6923 Datasheet PDF - Renesas Technology Corp
Part # F6923
Download  F6923 Download
File Size   127.39 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz

F6923 Datasheet (PDF)

Go To PDF Page Download Datasheet
F6923 Datasheet PDF - Renesas Technology Corp

Part # F6923
Download  F6923 Click to download

File Size   127.39 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz

F6923 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F6923

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923AVRI RENESAS-F6923AVRI Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923AVRI8 RENESAS-F6923AVRI8 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923EVB RENESAS-F6923EVB Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
F6923 RENESAS-F6923_V01 Datasheet
1Mb / 15P
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
Jul 6, 2021
More results


Similar Description - F6923

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023_1 Datasheet
139Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
Excelics Semiconductor,...
RFMA1314-1W EXCELICS-RFMA1314-1W Datasheet
117Kb / 3P
13.75 - 14.50 GHz Power Amplifier MMIC
RFMA1314-2W EXCELICS-RFMA1314-2W Datasheet
97Kb / 2P
13.75 - 14.50 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
AM40-0023 MA-COM-AM40-0023 Datasheet
74Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
logo
TriQuint Semiconductor
QPA2735 TRIQUINT-QPA2735 Datasheet
1Mb / 14P
13.75 ??18 GHz GaAs Low Noise Amplifier
logo
Renesas Technology Corp
F6513 RENESAS-F6513 Datasheet
132Kb / 3P
8-Ch Tx Active Beamforming IC 13.75 ??17.3 GHz
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com