Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6923 Datasheet (PDF) - Renesas Technology Corp

F6923 Datasheet PDF - Renesas Technology Corp
Part # F6923
Download  F6923 Download
File Size   1454.27 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 14GHz – 17GHz

F6923 Datasheet (PDF)

Go To PDF Page Download Datasheet
F6923 Datasheet PDF - Renesas Technology Corp

Part # F6923
Download  F6923 Click to download

File Size   1454.27 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual-Channel Low Noise Amplifier 14GHz – 17GHz

F6923 Datasheet (HTML) - Renesas Technology Corp


F6923 Product details

Features
■ Frequency: 14GHz - 17GHz
■ Gain: 19.5 dB
■ Noise figure: 1.5dB
■ Output P1dB: -1.5dBm
■ Power consumption: 16mW/ch
■ Channel isolation: 35dB
■ Supply voltage: 0.9V - 1.0V
■ Common bias control input
■ Compact size for planar integration on λ/2 grid
■ 2.7 × 2.7 × 0.9 mm, 23-pin BGA
■ -40°C to +85°C ambient operating temperature range
Note: Performance is typical at 15.5GHz and nominal supply voltage. For more information, see the Specifications and Typical Performance Characteristics sections.
Applications
■ Electronically Steered Phased Array Antennas (ESAs)
■ Ku-Band Radar, SATCOM, and Common Data Link (CDL)
■ Communication and Electronic Warfare (EW) Systems




Similar Part No. - F6923

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6923AVRI RENESAS-F6923AVRI Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6923AVRI8 RENESAS-F6923AVRI8 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6923EVB RENESAS-F6923EVB Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
More results


Similar Description - F6923

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
12.5-17GHz Low-Noise Driver Amplifier
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
5.8-17GHz Low Noise Amplifier
logo
New Jersey Semi-Conduct...
2N6483 NJSEMI-2N6483 Datasheet
202Kb / 1P
DUAL N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
5.8-17GHz Low Noise Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com