Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F6923 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F6923
Description  Dual-Channel Low Noise Amplifier 14GHz – 17GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6923 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F6923 Datasheet HTML 1Page - Renesas Technology Corp F6923 Datasheet HTML 2Page - Renesas Technology Corp F6923 Datasheet HTML 3Page - Renesas Technology Corp F6923 Datasheet HTML 4Page - Renesas Technology Corp F6923 Datasheet HTML 5Page - Renesas Technology Corp F6923 Datasheet HTML 6Page - Renesas Technology Corp F6923 Datasheet HTML 7Page - Renesas Technology Corp F6923 Datasheet HTML 8Page - Renesas Technology Corp F6923 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Datasheet
F6923
Dual-Channel Low Noise Amplifier 14GHz – 17GHz
R35DS0012EU0100
Rev.1.0
Jul 6, 2021
Page 1
© 2021 Renesas Electronics
The F6923 is an ultra-low power consumption, dual-
channel, low noise amplifier (LNA) RFIC designed
for application in Ku-Band planar phased array
antennas. The exceptional combination of low power
consumption, low noise, high gain, and compact
size, maximizes the antenna array G/T while
minimizing overall system power dissipation. An
external bias current provides gain control, standby
mode, and temperature compensation.
The F6923 includes two independent gain/phase
matched LNA channels in a compact 23-pin, 0.5mm
pitch BGA package. All inputs and outputs are
single-
ended and 50Ω matched for ease of
integration onto phased array antenna panels.
Figure 1. Block Diagram
Features
■
Frequency: 14GHz - 17GHz
■
Gain: 19.5 dB
■
Noise figure: 1.5dB
■
Output P1dB: -1.5dBm
■
Power consumption: 16mW/ch
■
Channel isolation: 35dB
■
Supply voltage: 0.9V - 1.0V
■
Common bias control input
■
Compact size for planar integration on λ/2 grid
■
2.7 × 2.7 × 0.9 mm, 23-pin BGA
■
-40°C to +85°C ambient operating temperature
range
Note: Performance is typical at 15.5GHz and
nominal supply voltage. For more information, see
the Specifications and Typical Performance
Characteristics sections.
Applications
■
Electronically Steered Phased Array Antennas
(ESAs)
■
Ku-Band Radar, SATCOM, and Common Data
Link (CDL)
■
Communication and Electronic Warfare (EW)
Systems
RFO1
[2]
CH1
CH2
VDD2
VDD1
IREF
RFI1
[1]
RFO2
[4]
RFI2
[3]
F6923


Similar Part No. - F6923

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6923AVRI RENESAS-F6923AVRI Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6923AVRI8 RENESAS-F6923AVRI8 Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
F6923EVB RENESAS-F6923EVB Datasheet
127Kb / 3P
Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
More results

Similar Description - F6923

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
12.5-17GHz Low-Noise Driver Amplifier
logo
Intersil Corporation
2N5515 INTERSIL-2N5515 Datasheet
72Kb / 2P
DUAL N CHANNEL JFET LOW NOISE AMPLIFIER
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
Dual Low Noise Amplifier
May 3, 2007
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG Datasheet
316Kb / 12P
5.8-17GHz Low Noise Amplifier
logo
New Jersey Semi-Conduct...
2N6483 NJSEMI-2N6483 Datasheet
202Kb / 1P
DUAL N-CHANNEL JFET LOW NOISE AMPLIFIER
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
6-17GHz Low Noise Amplifier
CHA3666-QAG UMS-CHA3666-QAG_15 Datasheet
231Kb / 12P
5.8-17GHz Low Noise Amplifier
CHA3656-QAG UMS-CHA3656-QAG_15 Datasheet
578Kb / 14P
5.8-17GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com