Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1950 Datasheet (PDF) - Renesas Technology Corp

F1950 Datasheet PDF - Renesas Technology Corp
Part # F1950
Download  F1950 Download
File Size   2453.06 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz

F1950 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1950 Datasheet PDF - Renesas Technology Corp

Part # F1950
Download  F1950 Click to download

File Size   2453.06 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz

F1950 Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - F1950

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1950 RENESAS-F1950 Datasheet
1Mb / 22P
6-Bit Digital Step Attenuator, 1MHz to 4000MHz
Nov 10, 2022
F1950 RENESAS-F1950 Datasheet
2Mb / 19P
7-Bit 0.25dB Digital step Attenuator 150MHz to 5000MHz
Jul 12, 2021
F1950 RENESAS-F1950 Datasheet
2Mb / 21P
6-bit 0.5dB Digital Step Attenuator 100MHz to 5000MHz
Sep 28, 2021
F1950 RENESAS-F1950 Datasheet
1Mb / 19P
6-bit Digital Step Attenuator 400 to 4000 MHz
February 9, 2022
More results


Similar Description - F1950

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1411 TRIQUINT-TGC1411 Datasheet
370Kb / 5P
0.3 - 10 GHz Downconverter
logo
Skyworks Solutions Inc.
DC08-73 SKYWORKS-DC08-73 Datasheet
159Kb / 4P
Directional Coupler 0.3-2.7 GHz
DC16-73 SKYWORKS-DC16-73 Datasheet
155Kb / 4P
Directional Coupler 0.3-2.7 GHz
logo
API Technologies Corp
TAD5009 APITECH-TAD5009 Datasheet
93Kb / 1P
7 Bit Digital Attenuator Attenuation Range: 12.7 dB
TAD5008 APITECH-TAD5008 Datasheet
190Kb / 1P
5 Bit Digital Attenuator Attenuation Range: 62 dB
TAD5007 APITECH-TAD5007 Datasheet
193Kb / 1P
4 Bit Digital Attenuator Attenuation Range: 45 dB
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
32 dB Attenuation Range
logo
ECS, Inc.
LTS ECS-LTS Datasheet
562Kb / 1P
Excellent spurious suppression
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com