Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC744LC3 Datasheet (PDF) - Analog Devices

HMC744LC3 Datasheet PDF - Analog Devices
Part # HMC744LC3
Download  HMC744LC3 Download
File Size   670.53 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY

HMC744LC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC744LC3 Datasheet PDF - Analog Devices

Part # HMC744LC3
Download  HMC744LC3 Click to download

File Size   670.53 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY

HMC744LC3 Datasheet (HTML) - Analog Devices


HMC744LC3 Product details

General Description
The HMC744LC3 is a 1:2 Fanout Buffer designed to support data transmission rates up to 14 Gbps, and clock frequencies as high as 14 GHz.
All differential inputs to the HMC744LC3 are CML and terminated on-chip with 50 Ohms to the positive supply, Vcc, and may be AC or DC coupled. The differential CML outputs are source terminated to 50 Ohms and may also be AC or DC coupled. Outputs can be connected directly to a 50 Ohm Vcc-terminated system, while DC blocking capacitors may be used if the terminating system is 50 Ohms to ground. The HMC744LC3 also features an output level control pin, VR, which allows for loss compensation or signal-level optimization. the HMC744LC3 operates from a single 3.3 V supply and is available in ROHS-compliant 3x3 mm SMT package.

Features
   Inputs Terminated Internally to 50 Ohms
   Differential & Single-Ended Operation
   Propagation Delay: 120 ps
   Fast Rise and Fall Times: 22 / 20 ps
   Programmable Differential
      Output Voltage Swing: 600 - 1100 mV
   Low Power Consumption: 287 mW typ.
   Single Supply: +3.3 V
   16 Lead Ceramic 3x3 mm SMT Package: 9 mm2

Typical Applications
The HMC744LC3 is ideal for:
• RF ATE Applications
• Broadband Test & Measurement
• Serial Data Transmission up to 14 Gbps
• Clock Buffering up to 14 GHz




Similar Part No. - HMC744LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Similar Description - HMC744LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com