Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC744LC3 Datasheet (PDF) - Hittite Microwave Corporation

HMC744LC3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC744LC3
Download  HMC744LC3 Download
File Size   659.07 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER

HMC744LC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC744LC3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC744LC3
Download  HMC744LC3 Click to download

File Size   659.07 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER

HMC744LC3 Datasheet (HTML) - Hittite Microwave Corporation


HMC744LC3 Product details

General Description
The HMC744LC3C is a 1:2 Fanout Buffer designed to support data transmission rates up to 13 Gbps, and clock frequencies as high as 13 GHz. The HMC744- LC3C also features an output level control pin, VR, which allows for loss compensation or for signal level optimization.

Features
   Inputs Terminated Internally in 50 Ohms
   Differential & Single-Ended Operation
   Propagation Delay: 120 ps
   Fast Rise and Fall Times: 22 / 20 ps
   Programmable Differential
      Output Voltage Swing: 600 - 1100 mV
   Low Power Consumption: 287 mW typ.
   Single Supply: +3.3V
   16 Lead Ceramic 3x3mm SMT Package: 9mm2

Typical Applications
The HMC744LC3C is ideal for:
• RF ATE Applications
• Broadband Test & Measurement
• Serial Data Transmission up to 13 Gbps
• Clock Buffering up to 13 GHz




Similar Part No. - HMC744LC3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
logo
Hittite Microwave Corpo...
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Similar Description - HMC744LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
13 Gbps, 1:2 Fanout Buffer
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC727LC3C HITTITE-HMC727LC3C Datasheet
618Kb / 8P
14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com