Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC850LC3 Datasheet (PDF) - Analog Devices

HMC850LC3 Datasheet PDF - Analog Devices
Part # HMC850LC3
Download  HMC850LC3 Download
File Size   1035.74 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC850LC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC850LC3 Datasheet PDF - Analog Devices

Part # HMC850LC3
Download  HMC850LC3 Click to download

File Size   1035.74 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE

HMC850LC3 Datasheet (HTML) - Analog Devices


HMC850LC3 Product details

General Description
The HMc850Lc3 is a 1:2 Fanout Buffer designed to support data transmission rates up to 28 gbps, and clock frequencies as high as 20 gHz. All differential inputs and outputs are dc coupled and terminated on chip with 50 ohm resistors to the positive supply, ground. The outputs may be used in either singleended or differential modes, and should be Ac or dc coupled into 50 ohm resistors connected to ground.

Features
   inputs Terminated internally to 50 ohms
   differential inputs are dc coupled
   propagation delay: 75 ps
   Fast Rise and Fall Times: 16 / 15 ps
   programmable differential
   output Voltage Swing: 600 - 1100 mV
   power dissipation: 315 mW
   16 Lead ceramic 3x3 mm SMT package: 9 mm2

Typical Applications
The HMc850Lc3 is ideal for:
•  RF ATe Applications
•  Broadband Test & Measurement
•  Serial data Transmission up to 28 gbps
•  clock Buffering up to 20 gHz




Similar Part No. - HMC850LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
More results


Similar Description - HMC850LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
13 Gbps, 1:2 Fanout Buffer
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC842LC4B HITTITE-HMC842LC4B Datasheet
971Kb / 8P
45 Gbps, FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC854LC5 HITTITE-HMC854LC5 Datasheet
1Mb / 10P
28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC855LC5 HITTITE-HMC855LC5 Datasheet
788Kb / 8P
28 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com