Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8362 Datasheet (PDF) - Analog Devices

HMC8362 Datasheet PDF - Analog Devices
Part # HMC8362
Download  HMC8362 Download
File Size   335.07 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.90 GHz to 18.30 GHz Quadband VCO

HMC8362 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8362 Datasheet PDF - Analog Devices

Part # HMC8362
Download  HMC8362 Click to download

File Size   335.07 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11.90 GHz to 18.30 GHz Quadband VCO

HMC8362 Datasheet (HTML) - Analog Devices


HMC8362 Product details

GENERAL DESCRIPTION
The HMC8362 is a gallium arsenide (GaAs), quadband, monolithic microwave integrated circuit (MMIC), voltage controlled oscillator (VCO) designed to offer wideband capabilities without compromising on phase noise performance. The device integrates four independent, narrow-band VCOs with overlapping frequency bands, operating at a fundamental frequency range of 11.90 GHz to 18.30 GHz. The consistent tuning sensitivity across all frequency bands simplifies the synthesizer loop filter design.

FEATURES
   Set of 4 narrow-band VCOs with consistent sensitivity vs.
      frequency
   RF and tuning ports common to all 4 VCOs
   RF output operates from fundamental oscillators with no
      subharmonic oscillations
   Up to 8 dBm RF output power
   Power mute capability
   No external resonator required
   40-lead, 6 mm × 6 mm LFCSP

APPLICATIONS
   Electronic test and measurement
   Industrial and medical instrumentation
   Point to point and multipoint radios
   Aerospace and defense
   Wireless communication infrastructure




Similar Part No. - HMC8362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8364 AD-HMC8364 Datasheet
465Kb / 17P
18.10 GHz to 26.60 GHz Quadband VCO
Sep-2020
HMC8364LP6GE AD-HMC8364LP6GE Datasheet
465Kb / 17P
18.10 GHz to 26.60 GHz Quadband VCO
Sep-2020
HMC8364LP6GETR AD-HMC8364LP6GETR Datasheet
465Kb / 17P
18.10 GHz to 26.60 GHz Quadband VCO
Sep-2020
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
498Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
1,007Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results


Similar Description - HMC8362

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV6001 HBH-HV6001 Datasheet
19Kb / 1P
10.6 GHz to 10.9 GHz VCO
HV6002 HBH-HV6002 Datasheet
13Kb / 1P
12 GHz VCO
HV7001 HBH-HV7001 Datasheet
21Kb / 1P
21.1 GHz to 21.4 GHz VCO
HV7002 HBH-HV7002 Datasheet
21Kb / 1P
23.8 GHz to 24.2 GHz VCO
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC8074LP6GE AD-HMC8074LP6GE Datasheet
463Kb / 10P
QUADBAND MMIC VCO
HMC8364 AD-HMC8364 Datasheet
465Kb / 17P
18.10 GHz to 26.60 GHz Quadband VCO
Sep-2020
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
Dec-2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com