Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8364 Datasheet (PDF) - Analog Devices

HMC8364 Datasheet PDF - Analog Devices
Part # HMC8364
Download  HMC8364 Download
File Size   465.63 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18.10 GHz to 26.60 GHz Quadband VCO

HMC8364 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8364 Datasheet PDF - Analog Devices

Part # HMC8364
Download  HMC8364 Click to download

File Size   465.63 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18.10 GHz to 26.60 GHz Quadband VCO

HMC8364 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC8364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8362 AD-HMC8362 Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
HMC8362LP6GE AD-HMC8362LP6GE Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
HMC8362LP6GETR AD-HMC8362LP6GETR Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
498Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
1,007Kb / 10P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results


Similar Description - HMC8364

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV6001 HBH-HV6001 Datasheet
19Kb / 1P
10.6 GHz to 10.9 GHz VCO
HV6002 HBH-HV6002 Datasheet
13Kb / 1P
12 GHz VCO
HV7001 HBH-HV7001 Datasheet
21Kb / 1P
21.1 GHz to 21.4 GHz VCO
HV7002 HBH-HV7002 Datasheet
21Kb / 1P
23.8 GHz to 24.2 GHz VCO
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC8074LP6GE AD-HMC8074LP6GE Datasheet
463Kb / 10P
QUADBAND MMIC VCO
HMC8362 AD-HMC8362 Datasheet
335Kb / 17P
11.90 GHz to 18.30 GHz Quadband VCO
Sep-2020
ADF5709 AD-ADF5709 Datasheet
265Kb / 9P
9.85 GHz to 20.5 GHz, Wideband, MMIC VCO
Dec-2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com