Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV1550V Datasheet (PDF) - ON Semiconductor

FSV1550V Datasheet PDF - ON Semiconductor
Part # FSV1550V
Download  FSV1550V Download
File Size   187.31 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier 15 A, 50 V Ultra?묹ow VF

FSV1550V Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV1550V Datasheet PDF - ON Semiconductor

Part # FSV1550V
Download  FSV1550V Click to download

File Size   187.31 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier 15 A, 50 V Ultra?묹ow VF

FSV1550V Datasheet (HTML) - ON Semiconductor


FSV1550V Product details

Features
• Ultra Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Green Molding Compound as per IEC61249 Standard
• Non−DAP Option Only
• Qualified with Reflow (J−STD−020) and Solder Temperature 260°C Classification
• Lead Free in Compliance with EU RoHS 2011/65/EU Directive
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV1550V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV15100V ONSEMI-FSV15100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 100 V
April, 2020 ??Rev. 3
FSV15120V ONSEMI-FSV15120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 120 V
April, 2020 ??Rev. 3
FSV15150V ONSEMI-FSV15150V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 150 V
April, 2020 ??Rev. 3
More results


Similar Description - FSV1550V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG050V150EPD PHILIPS-PMEG050V150EPD_15 Datasheet
234Kb / 15P
50 V, 15 A low VF MEGA Schottky barrier rectifier
4 December 2014
logo
Nexperia B.V. All right...
PMEG050V150EPD NEXPERIA-PMEG050V150EPD Datasheet
719Kb / 15P
50 V, 15 A low VF MEGA Schottky barrier rectifier
logo
ON Semiconductor
FSV1060V ONSEMI-FSV1060V Datasheet
192Kb / 6P
Schottky Rectifier 10 A, 60 V Ultra?묹ow VF
April, 2020 ??Rev. 1
FSV15100V ONSEMI-FSV15100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 100 V
April, 2020 ??Rev. 3
FSV15120V ONSEMI-FSV15120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 120 V
April, 2020 ??Rev. 3
FSV15150V ONSEMI-FSV15150V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 150 V
April, 2020 ??Rev. 3
FSV2050V ONSEMI-FSV2050V Datasheet
189Kb / 5P
Schottky Rectifier 20 A, 50 V Ultra-Low VF
April, 2020 - Rev. 3
logo
Nexperia B.V. All right...
PMEG050V150EPE-Q NEXPERIA-PMEG050V150EPE-Q Datasheet
268Kb / 11P
50 V, 15 A low VF Schottky barrier rectifier
15 July 2022
PMEG050T150EIPD NEXPERIA-PMEG050T150EIPD Datasheet
249Kb / 11P
50 V, 15 A low VF Trench MEGA Schottky barrier rectifier
27 November 2019
PMEG050V150EPE NEXPERIA-PMEG050V150EPE Datasheet
268Kb / 11P
50 V, 15 A low VF Schottky barrier rectifier
20 July 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com