Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV2050V Datasheet (PDF) - ON Semiconductor

FSV2050V Datasheet PDF - ON Semiconductor
Part # FSV2050V
Download  FSV2050V Download
File Size   189.54 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier 20 A, 50 V Ultra-Low VF

FSV2050V Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV2050V Datasheet PDF - ON Semiconductor

Part # FSV2050V
Download  FSV2050V Click to download

File Size   189.54 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier 20 A, 50 V Ultra-Low VF

FSV2050V Datasheet (HTML) - ON Semiconductor


FSV2050V Product details

Features
• Ultra Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Green Molding Compound as per IEC61249 Standard
• Non−DAP Option Only
• Qualified with Reflow (J−STD−020) and Solder Temperature 260°C
Classification
• Lead Free in Compliance with EU RoHS 2011/65/EU Directive
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV2050V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
FSV20150V ONSEMI-FSV20150V Datasheet
191Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 150 V
April, 2020 - Rev. 3
FSV2060L ONSEMI-FSV2060L Datasheet
191Kb / 5P
Schottky Rectifier 20 A, 60 V Very Low VF
April, 2020 - Rev. 1
More results


Similar Description - FSV2050V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV1045V ONSEMI-FSV1045V Datasheet
196Kb / 6P
Schottky Rectifier, Ultra-Low VF, 10 A, 45 V
April, 2020 ??Rev. 1
FSV1550V ONSEMI-FSV1550V Datasheet
187Kb / 5P
Schottky Rectifier 15 A, 50 V Ultra?묹ow VF
April, 2020 ??Rev. 1
FSV15100V ONSEMI-FSV15100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 100 V
April, 2020 ??Rev. 3
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
logo
Nexperia B.V. All right...
PMEG2010BER-Q NEXPERIA-PMEG2010BER-Q Datasheet
260Kb / 13P
20 V, 1 A low Vf Schottky barrier rectifier
16 November 2022
PMEG050V030EPE NEXPERIA-PMEG050V030EPE Datasheet
256Kb / 11P
50 V, 3 A low VF Schottky barrier rectifier
20 July 2022
PMEG050V150EPE NEXPERIA-PMEG050V150EPE Datasheet
268Kb / 11P
50 V, 15 A low VF Schottky barrier rectifier
20 July 2022
PMEG2010BELD NEXPERIA-PMEG2010BELD Datasheet
243Kb / 12P
20 V, 1 A low VF Schottky barrier rectifier
2 November 2022
PMEG2010BER NEXPERIA-PMEG2010BER Datasheet
282Kb / 13P
20 V, 1 A low VF Schottky barrier rectifier
1 January 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com