Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV2060L Datasheet (PDF) - ON Semiconductor

FSV2060L Datasheet PDF - ON Semiconductor
Part # FSV2060L
Download  FSV2060L Download
File Size   191.45 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier 20 A, 60 V Very Low VF

FSV2060L Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV2060L Datasheet PDF - ON Semiconductor

Part # FSV2060L
Download  FSV2060L Click to download

File Size   191.45 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier 20 A, 60 V Very Low VF

FSV2060L Datasheet (HTML) - ON Semiconductor


FSV2060L Product details

Features
• Very Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Green Molding Compound as per IEC61249 Standard
• Non−DAP Option Only
• Qualified with Reflow (J−STD−020) and Solder Temperature 260°C
Classification
• Lead Free in Compliance with EU RoHS 2011/65/EU Directive
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV2060L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
FSV20150V ONSEMI-FSV20150V Datasheet
191Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 150 V
April, 2020 - Rev. 3
FSV2050V ONSEMI-FSV2050V Datasheet
189Kb / 5P
Schottky Rectifier 20 A, 50 V Ultra-Low VF
April, 2020 - Rev. 3
More results


Similar Description - FSV2060L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG6010CEH NEXPERIA-PMEG6010CEH Datasheet
190Kb / 9P
60 V, 1 A very low VF Schottky barrier rectifier
5 January 2023
PMEG6010CEJ-Q NEXPERIA-PMEG6010CEJ-Q Datasheet
190Kb / 8P
60 V, 1 A very low VF Schottky barrier rectifier
14 November 2022
PMEG2005AEA-Q NEXPERIA-PMEG2005AEA-Q Datasheet
190Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
11 May 2022
PMEG6010CEH-Q NEXPERIA-PMEG6010CEH-Q Datasheet
189Kb / 9P
60 V, 1 A very low VF Schottky barrier rectifier
21 March 2022
PMEG2005AEA NEXPERIA-PMEG2005AEA Datasheet
214Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
1 January 2023
PMEG2005AEV NEXPERIA-PMEG2005AEV Datasheet
183Kb / 8P
20 V, 0.5 A very low VF Schottky barrier rectifier
28 December 2022
PMEG2020EH NEXPERIA-PMEG2020EH Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG2020EJ-Q NEXPERIA-PMEG2020EJ-Q Datasheet
180Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG2020EJ NEXPERIA-PMEG2020EJ Datasheet
181Kb / 8P
20 V, 2 A very low VF Schottky barrier rectifier
26 April 2023
PMEG6010CEJ NEXPERIA-PMEG6010CEJ Datasheet
885Kb / 8P
60 V, 1 A very low VF Schottky barrier rectifier
1 January 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com