Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV20150V Datasheet (PDF) - ON Semiconductor

FSV20150V Datasheet PDF - ON Semiconductor
Part # FSV20150V
Download  FSV20150V Download
File Size   191.25 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low VF Schottky Rectifier, 20 A, 150 V

FSV20150V Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV20150V Datasheet PDF - ON Semiconductor

Part # FSV20150V
Download  FSV20150V Click to download

File Size   191.25 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low VF Schottky Rectifier, 20 A, 150 V

FSV20150V Datasheet (HTML) - ON Semiconductor


FSV20150V Product details

Features
• Ultra−Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Trench Schottky Technology
• Green Molding Compound as per IEC61249 Standard
• Non−DAP Option Only
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV20150V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
More results


Similar Description - FSV20150V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV1045V ONSEMI-FSV1045V Datasheet
196Kb / 6P
Schottky Rectifier, Ultra-Low VF, 10 A, 45 V
April, 2020 ??Rev. 1
FSV10150V ONSEMI-FSV10150V Datasheet
226Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 150 V
June, 2018 ??Rev. 2
FSV12150V ONSEMI-FSV12150V Datasheet
187Kb / 5P
Ultra-Low VF Schottky Rectifier, 12 A, 150 V
April, 2020 ??Rev. 3
FSV15100V ONSEMI-FSV15100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 100 V
April, 2020 ??Rev. 3
FSV15150V ONSEMI-FSV15150V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 150 V
April, 2020 ??Rev. 3
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
FSV2050V ONSEMI-FSV2050V Datasheet
189Kb / 5P
Schottky Rectifier 20 A, 50 V Ultra-Low VF
April, 2020 - Rev. 3
logo
Nexperia B.V. All right...
PMEG2010BER-Q NEXPERIA-PMEG2010BER-Q Datasheet
260Kb / 13P
20 V, 1 A low Vf Schottky barrier rectifier
16 November 2022
PMEG2010BELD NEXPERIA-PMEG2010BELD Datasheet
243Kb / 12P
20 V, 1 A low VF Schottky barrier rectifier
2 November 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com