Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV10150V Datasheet (PDF) - ON Semiconductor

FSV10150V Datasheet PDF - ON Semiconductor
Part # FSV10150V
Download  FSV10150V Download
File Size   226.18 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low VF Schottky Rectifier, 10 A, 150 V

FSV10150V Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV10150V Datasheet PDF - ON Semiconductor

Part # FSV10150V
Download  FSV10150V Click to download

File Size   226.18 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low VF Schottky Rectifier, 10 A, 150 V

FSV10150V Datasheet (HTML) - ON Semiconductor


FSV10150V Product details

Features
• Ultra−Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Trench Schottky Technology
• Green Molding Compound as per IEC61249 Standard
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV10150V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV10150V ONSEMI-FSV10150V Datasheet
8Mb / 28P
45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results


Similar Description - FSV10150V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV1045V ONSEMI-FSV1045V Datasheet
196Kb / 6P
Schottky Rectifier, Ultra-Low VF, 10 A, 45 V
April, 2020 ??Rev. 1
FSV10100V ONSEMI-FSV10100V Datasheet
190Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 100 V
April, 2020 ??Rev. 3
FSV10120V ONSEMI-FSV10120V Datasheet
228Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 120 V
June, 2018 ??Rev. 2
FSV12150V ONSEMI-FSV12150V Datasheet
187Kb / 5P
Ultra-Low VF Schottky Rectifier, 12 A, 150 V
April, 2020 ??Rev. 3
FSV15150V ONSEMI-FSV15150V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 150 V
April, 2020 ??Rev. 3
logo
Nexperia B.V. All right...
PMEG1020EH-Q NEXPERIA-PMEG1020EH-Q Datasheet
177Kb / 8P
10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
PMEG1020EJ NEXPERIA-PMEG1020EJ Datasheet
179Kb / 8P
10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
PMEG1020EH NEXPERIA-PMEG1020EH Datasheet
178Kb / 8P
10 V, 2 A ultra low VF Schottky barrier rectifier
22 December 2022
PMEG1030EH NEXPERIA-PMEG1030EH Datasheet
181Kb / 8P
10 V, 3 A ultra low VF Schottky barrier rectifier
21 April 2023
PMEG1030EJ NEXPERIA-PMEG1030EJ Datasheet
182Kb / 8P
10 V, 3 A ultra low VF Schottky barrier rectifier
21 April 2023
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com