Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV1045V Datasheet (PDF) - ON Semiconductor

FSV1045V Datasheet PDF - ON Semiconductor
Part # FSV1045V
Download  FSV1045V Download
File Size   196.5 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier, Ultra-Low VF, 10 A, 45 V

FSV1045V Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV1045V Datasheet PDF - ON Semiconductor

Part # FSV1045V
Download  FSV1045V Click to download

File Size   196.5 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Rectifier, Ultra-Low VF, 10 A, 45 V

FSV1045V Datasheet (HTML) - ON Semiconductor


FSV1045V Product details

Description
The FSV1045V Schottky rectifier offers break−through size and performance. The device is optimized for mobile charger applications. It sinks only 18 mA reverse current at high temperature and provides forward voltage drop of 0.18 V at 1 A operating current in a charger design.
All this capability is packed into a small, flat−lead, TO−277 package, optimized for space−constrained applications. The FSV1045V supports a typical Z height of 1.1 mm. It is RoHS compliant and halogen free. It is also qualified for a wave soldering process.

Features
• Ultra−Low Forward Voltage Drop:
   ♦ 0.41 V Typical at 10 A, TA = 25°C
   ♦ 0.44 V Maximum at 10 A, TA = 25°C
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Meets MSL 1 per JESD22−A111 Full−Body Solder Immersion
• Non−DAP Option Only
• This Device is Pb−Free, Halogen Free and is RoHS Compliant

Applications
• Mobile Charger
• Solar Panel
• Reverse Polarity Protection




Similar Part No. - FSV1045V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV10100V ONSEMI-FSV10100V Datasheet
190Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 100 V
April, 2020 ??Rev. 3
FSV10120V ONSEMI-FSV10120V Datasheet
228Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 120 V
June, 2018 ??Rev. 2
FSV10150V ONSEMI-FSV10150V Datasheet
226Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 150 V
June, 2018 ??Rev. 2
FSV10150V ONSEMI-FSV10150V Datasheet
8Mb / 28P
45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
FSV1060V ONSEMI-FSV1060V Datasheet
192Kb / 6P
Schottky Rectifier 10 A, 60 V Ultra?묹ow VF
April, 2020 ??Rev. 1
More results


Similar Description - FSV1045V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG045V100EPD PHILIPS-PMEG045V100EPD_15 Datasheet
232Kb / 15P
45 V, 10 A low VF MEGA Schottky barrier rectifier
4 December 2014
PMEG45A10EPD NXP-PMEG45A10EPD Datasheet
200Kb / 13P
45 V, 10 A low VF MEGA Schottky barrier rectifier
16 December 2014
logo
Nexperia B.V. All right...
PMEG045V100EPD NEXPERIA-PMEG045V100EPD Datasheet
718Kb / 15P
45 V, 10 A low VF MEGA Schottky barrier rectifier
logo
ON Semiconductor
FSV10100V ONSEMI-FSV10100V Datasheet
190Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 100 V
April, 2020 ??Rev. 3
FSV10120V ONSEMI-FSV10120V Datasheet
228Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 120 V
June, 2018 ??Rev. 2
logo
Nexperia B.V. All right...
PMEG045V100EIPE-Q NEXPERIA-PMEG045V100EIPE-Q Datasheet
259Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
20 July 2022
PMEG045V100EPE-Q NEXPERIA-PMEG045V100EPE-Q Datasheet
265Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
15 July 2022
PMEG045V100EIPE NEXPERIA-PMEG045V100EIPE Datasheet
260Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
20 July 2022
PMEG045V100EPE NEXPERIA-PMEG045V100EPE Datasheet
265Kb / 11P
45 V, 10 A low VF Schottky barrier rectifier
18 July 2022
PMEG45A10EPD NEXPERIA-PMEG45A10EPD Datasheet
688Kb / 13P
45 V, 10 A low VF MEGA Schottky barrier rectifier
16 December 2014
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com