Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV1045V Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSV1045V
Description  Schottky Rectifier, Ultra-Low VF, 10 A, 45 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSV1045V Datasheet(HTML) 2 Page - ON Semiconductor

  FSV1045V Datasheet HTML 1Page - ON Semiconductor FSV1045V Datasheet HTML 2Page - ON Semiconductor FSV1045V Datasheet HTML 3Page - ON Semiconductor FSV1045V Datasheet HTML 4Page - ON Semiconductor FSV1045V Datasheet HTML 5Page - ON Semiconductor FSV1045V Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FSV1045V
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Value
Unit
VRRM
Peak Repetitive Reverse Voltage
45
V
VRWM
Working Peak Reverse Voltage
45
V
VRMS
RMS Reverse Voltage
32
V
VR
DC Blocking Voltage
45
V
IO
Average Rectified Output Current (Note 2)
TL = 105°C
10
A
IFSM
Non−Repetitive Peak Forward Surge Current (Note 3)
300
A
CJ
Typical Junction Capacitance
VR = 4 V, 1 MHz
820
pF
TJ
Operating Junction Temperature Range
−55 to +150
°C
TSTG
Storage Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. All test conducted at TA = TJ = 25°C unless otherwise noted
2. Mounted on 30 mm x 30 mm FR4 PCB
3. Pulse condition: 8.3 ms half−sine wave. Test method is compliant with MIL standard (MIL−STD−750E)
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 4)
Symbol
Parameter
Minimum Land
Pattern
Maximum Land
Pattern
Unit
RqJA
Junction−to−Ambient Thermal Resistance
100
40
°C/W
ΨJL
Junction−to−Lead Thermal Characteristics, Thermocouple Soldered
to Anode
15
12
°C/W
Junction−to−Lead Thermal Characteristics, Thermocouple Soldered
to Cathode
6
5
4. The thermal resistances (RqJA & ΨJL) are characterized with device mounted on the following FR4 printed circuit boards, as shown in
Figure 1 and Figure 2. PCB size: 76.2 x 114.3 mm. Minimum land pattern size: 4.9 x 4.8 mm (big pattern, x1), 1.4 x 1.52 mm (small pattern,
x2). Maximum land pattern size: 30 x 30 mm (pattern, x2). Force line trace size = 55 mils, sense line trace size = 4 mils.
Figure 1. Minimum Land Pattern of 2 oz Copper
Figure 2. Maximum Land Pattern of 2 oz Copper
F
S
F
S
F
S
F
S
F
S



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com