Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSV12120V Datasheet (PDF) - ON Semiconductor

FSV12120V Datasheet PDF - ON Semiconductor
Part # FSV12120V
Download  FSV12120V Download
File Size   187.04 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low VF Schottky Rectifier, 12 A, 120 V

FSV12120V Datasheet (PDF)

Go To PDF Page Download Datasheet
FSV12120V Datasheet PDF - ON Semiconductor

Part # FSV12120V
Download  FSV12120V Click to download

File Size   187.04 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Ultra-Low VF Schottky Rectifier, 12 A, 120 V

FSV12120V Datasheet (HTML) - ON Semiconductor


FSV12120V Product details

Features
• Ultra−Low Forward Voltage Drop
• Low Thermal Resistance
• Very Low Profile: Typical Height of 1.1 mm
• Trench Schottky Technology
• Green Molding Compound as per IEC61249 Standard
• Non−DAP Option Only
• These Devices are Pb−Free, Halogen Free and are RoHS Compliant




Similar Part No. - FSV12120V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV12100V ONSEMI-FSV12100V Datasheet
192Kb / 5P
Ultra-Low VF Schottky Rectifier, 12 A, 100 V
April, 2020 ??Rev. 3
FSV12150V ONSEMI-FSV12150V Datasheet
187Kb / 5P
Ultra-Low VF Schottky Rectifier, 12 A, 150 V
April, 2020 ??Rev. 3
More results


Similar Description - FSV12120V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSV1045V ONSEMI-FSV1045V Datasheet
196Kb / 6P
Schottky Rectifier, Ultra-Low VF, 10 A, 45 V
April, 2020 ??Rev. 1
FSV10100V ONSEMI-FSV10100V Datasheet
190Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 100 V
April, 2020 ??Rev. 3
FSV10120V ONSEMI-FSV10120V Datasheet
228Kb / 5P
Ultra-Low VF Schottky Rectifier, 10 A, 120 V
June, 2018 ??Rev. 2
FSV12100V ONSEMI-FSV12100V Datasheet
192Kb / 5P
Ultra-Low VF Schottky Rectifier, 12 A, 100 V
April, 2020 ??Rev. 3
FSV12150V ONSEMI-FSV12150V Datasheet
187Kb / 5P
Ultra-Low VF Schottky Rectifier, 12 A, 150 V
April, 2020 ??Rev. 3
FSV15100V ONSEMI-FSV15100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 100 V
April, 2020 ??Rev. 3
FSV15120V ONSEMI-FSV15120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 120 V
April, 2020 ??Rev. 3
FSV15150V ONSEMI-FSV15150V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 15 A, 150 V
April, 2020 ??Rev. 3
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
FSV20120V ONSEMI-FSV20120V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 120 V
April, 2020 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com