Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASC-12A1HP Datasheet (PDF) - Microchip Technology

2ASC-12A1HP Datasheet PDF - Microchip Technology
Part # 2ASC-12A1HP
Download  2ASC-12A1HP Download
File Size   1143.72 Kbytes
Page   19 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V Dual-Channel Augmented High Performance SiC Core 1

2ASC-12A1HP Datasheet (PDF)

Go To PDF Page Download Datasheet
2ASC-12A1HP Datasheet PDF - Microchip Technology

Part # 2ASC-12A1HP
Download  2ASC-12A1HP Click to download

File Size   1143.72 Kbytes
Page   19 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200V Dual-Channel Augmented High Performance SiC Core 1

2ASC-12A1HP Datasheet (HTML) - Microchip Technology




Similar Part No. - 2ASC-12A1HP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
877Kb / 15P
1200V XM3 Core Adapter Board
2021
More results


Similar Description - 2ASC-12A1HP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_11 Datasheet
726Kb / 124P
High-performance e200z4d dual core
logo
Cree, Inc
PT62SCMD12 CREE-PT62SCMD12 Datasheet
1,014Kb / 12P
Dual 1200V SIC MOSFET driver
logo
Microchip Technology
2ASC-17A1HP MICROCHIP-2ASC-17A1HP Datasheet
1Mb / 19P
1700V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
UnitedSiC.
UF3C120040K3S UNITEDSIC-UF3C120040K3S Datasheet
554Kb / 11P
35mW - 1200V SiC Cascode
Rev. B, December 2018
UF3C120040K4S UNITEDSIC-UF3C120040K4S Datasheet
477Kb / 10P
1200V-35mW SiC Cascode
UF3C120400K3S UNITEDSIC-UF3C120400K3S Datasheet
374Kb / 10P
1200V-410mW SiC FET
UF3SC120016K4S UNITEDSIC-UF3SC120016K4S Datasheet
468Kb / 12P
1200V-16mW SiC FET
Rev. B, December 2019
UF3SC120040B7S UNITEDSIC-UF3SC120040B7S Datasheet
433Kb / 10P
1200V-35mW SiC FET
Rev. A, December 2020
UJ3C120150K3S UNITEDSIC-UJ3C120150K3S Datasheet
419Kb / 10P
1200V-150mW SiC FET
Rev. C, December 2019
UJC1210K UNITEDSIC-UJC1210K Datasheet
438Kb / 9P
100mW - 1200V SiC Cascode
Rev. B, December 2018
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com