Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASC-17A1HP Datasheet (PDF) - Microchip Technology

2ASC-17A1HP Datasheet PDF - Microchip Technology
Part # 2ASC-17A1HP
Download  2ASC-17A1HP Download
File Size   1135.08 Kbytes
Page   19 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1700V Dual-Channel Augmented High Performance SiC Core 1

2ASC-17A1HP Datasheet (PDF)

Go To PDF Page Download Datasheet
2ASC-17A1HP Datasheet PDF - Microchip Technology

Part # 2ASC-17A1HP
Download  2ASC-17A1HP Click to download

File Size   1135.08 Kbytes
Page   19 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1700V Dual-Channel Augmented High Performance SiC Core 1

2ASC-17A1HP Datasheet (HTML) - Microchip Technology




Similar Part No. - 2ASC-17A1HP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
1200V Dual-Channel Augmented High Performance SiC Core 1
2021
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
877Kb / 15P
1200V XM3 Core Adapter Board
2021
More results


Similar Description - 2ASC-17A1HP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5643L FREESCALE-MPC5643L_11 Datasheet
726Kb / 124P
High-performance e200z4d dual core
logo
Cree, Inc
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
Dual 1700V SIC MOSFET driver
logo
Microchip Technology
2ASC-12A1HP MICROCHIP-2ASC-12A1HP Datasheet
1Mb / 19P
1200V Dual-Channel Augmented High Performance SiC Core 1
2021
logo
GeneSiC Semiconductor, ...
GB05MPS17-263 GENESIC-GB05MPS17-263 Datasheet
723Kb / 7P
1700V 5A SiC Schottky MPS??Diode
GD2X75MPS17N GENESIC-GD2X75MPS17N Datasheet
595Kb / 7P
1700V 150A SiC Schottky MPS??Diode
GD10MPS17H GENESIC-GD10MPS17H Datasheet
517Kb / 7P
1700V 10A SiC Schottky MPS??Diode
GD75MPS17-CAL GENESIC-GD75MPS17-CAL Datasheet
296Kb / 6P
1700V 75A SiC Schottky MPS??Diode
logo
UnitedSiC.
UF3C170400K3S UNITEDSIC-UF3C170400K3S Datasheet
367Kb / 10P
1700V-410mW SiC FET
Rev. A, January 2020
UF3N170400B7S UNITEDSIC-UF3N170400B7S Datasheet
520Kb / 10P
1700V-400mW SiC Normally-on JFET
Rev. B, September 2021
UJ3D1725K2 UNITEDSIC-UJ3D1725K2 Datasheet
329Kb / 6P
25A - 1700V SiC Schottky Diode
Rev. A, September 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com