Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTBLS4D0N15MC Datasheet (PDF) - ON Semiconductor

NTBLS4D0N15MC Datasheet PDF - ON Semiconductor
Part # NTBLS4D0N15MC
Download  NTBLS4D0N15MC Download
File Size   300.48 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A

NTBLS4D0N15MC Datasheet (PDF)

Go To PDF Page Download Datasheet
NTBLS4D0N15MC Datasheet PDF - ON Semiconductor

Part # NTBLS4D0N15MC
Download  NTBLS4D0N15MC Click to download

File Size   300.48 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A

NTBLS4D0N15MC Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTBLS4D0N15MC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NTBLS4D0N15MC ISC-NTBLS4D0N15MC Datasheet
435Kb / 3P
isc N-Channel MOSFET Transistor
More results


Similar Description - NTBLS4D0N15MC

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF624 UTC-UF624 Datasheet
206Kb / 6P
4.4 A, 250 V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NVBGS4D1N15MC ONSEMI-NVBGS4D1N15MC Datasheet
233Kb / 7P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTTFS1D8N02P1E ONSEMI-NTTFS1D8N02P1E Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.3 m, 150 A
May, 2020 ??Rev. 1
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTBGS6D5N15MC ONSEMI-NTBGS6D5N15MC Datasheet
417Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 150 V, 7 m, 121 A
December, 2019 ??Rev. 0
NTMTS4D3N15MC ONSEMI-NTMTS4D3N15MC Datasheet
298Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 4.45 m, 174 A
November, 2020-Rev. 0
NTMTS6D0N15MC ONSEMI-NTMTS6D0N15MC Datasheet
334Kb / 8P
MOSFET ??Power, Single N-Channel, DFNW8 150 V, 6.4 m, 135 A
January, 2021-Rev. 1
NTTFS2D1N04HL ONSEMI-NTTFS2D1N04HL Datasheet
507Kb / 7P
MOSFET - Single N-Channel 40 V, 2.1 m, 150 A
May, 2020 ??Rev. 1
NVB150N65S3F ONSEMI-NVB150N65S3F Datasheet
230Kb / 9P
MOSFET - Power, Single N-Channel, D2PAK 650 V, 150 m, 24 A
December, 2021 ??Rev. 1
NVBGS6D5N15MC ONSEMI-NVBGS6D5N15MC Datasheet
417Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 150 V, 7 m, 121 A
December, 2019-Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com