Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC308 Datasheet (PDF) - Nihon Inter Electronics Corporation

PC308 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PC308
Download  PC308 Download
File Size   189.69 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 30A/800V

PC308 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC308 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PC308
Download  PC308 Click to download

File Size   189.69 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 30A/800V

PC308 Datasheet (HTML) - Nihon Inter Electronics Corporation


PC308 Product details

FEATURES

* Isolated Base

* Dual Diodes Cathode Common and Cascaded Circuit

* High Surge Capability

* UL Recognized, File No. E187184



TYPICAL APPLICATIONS

* Rectified For General Use



 




Similar Part No. - PC308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC308 NIEC-PC308 Datasheet
150Kb / 2P
30A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PC308 KSS-PC308 Datasheet
244Kb / 2P
Diode
logo
Nihon Inter Electronics...
PC308 NIEC-PC308_1 Datasheet
150Kb / 2P
30A Avg 800 Volts
logo
National Instruments Co...
PC308 NI-PC308_15 Datasheet
150Kb / 2P
30A Avg 800 Volts
More results


Similar Description - PC308

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S30VT80 SHINDENGEN-S30VT80 Datasheet
274Kb / 5P
3 Phase Bridge Diode(800V 30A)
S30VTA80 SHINDENGEN-S30VTA80 Datasheet
275Kb / 5P
3 Phase Bridge Diode(800V 30A)
logo
Nihon Inter Electronics...
PT308 NIEC-PT308 Datasheet
135Kb / 3P
DIODE MODULE 30A/800V/1000V
PCH308 NIEC-PCH308 Datasheet
248Kb / 5P
THYRISTOR MODULE 30A/800V
PE308N NIEC-PE308N Datasheet
156Kb / 3P
DIODE MODULE 30A/800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT50S8 NIEC-PT50S8 Datasheet
50Kb / 5P
DIODE MODULE 50A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
PT368 NIEC-PT368 Datasheet
116Kb / 3P
DIODE MODULE 30A/800V/1000V
PC30F8 NIEC-PC30F8 Datasheet
32Kb / 2P
FRD MODULE 30A/800V/trr:60nsec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com