Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH308 Datasheet (PDF) - Nihon Inter Electronics Corporation

PCH308 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PCH308
Download  PCH308 Download
File Size   248.33 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 30A/800V

PCH308 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCH308 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PCH308
Download  PCH308 Click to download

File Size   248.33 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 30A/800V

PCH308 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PCH308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
PCH3016 NIEC-PCH3016 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PCH3016 NIEC-PCH3016 Datasheet
251Kb / 4P
30A Avg 1200~1600 Volts
logo
RHOPOINT COMPONENTS
PCH3042S50B RHOPOINT-PCH3042S50B Datasheet
154Kb / 3P
FIXED CHIP TERMINATORS
More results


Similar Description - PCH308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PE308N NIEC-PE308N Datasheet
156Kb / 3P
DIODE MODULE 30A/800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
THYRISTOR MODULE 250A / 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com