Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD6016 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD6016 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD6016
Download  PD6016 Download
File Size   213.5 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 60A/1200 to 1600V

PD6016 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD6016 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD6016
Download  PD6016 Click to download

File Size   213.5 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE 60A/1200 to 1600V

PD6016 Datasheet (HTML) - Nihon Inter Electronics Corporation


PD6016 Product details

DIODE 60A Avg 1200~1600 Volts




Similar Part No. - PD6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD6016 NIEC-PD6016 Datasheet
151Kb / 2P
60A Avg 1200 1600 Volts
logo
National Instruments Co...
PD6016 NI-PD6016_15 Datasheet
773Kb / 2P
DIODE
More results


Similar Description - PD6016

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012 Datasheet
219Kb / 3P
DIODE MODULE 100A/1200 to 1600V
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PC20012 NIEC-PC20012 Datasheet
204Kb / 3P
DIODE MODULE 200A/1200 to 1600V
PCH3012 NIEC-PCH3012 Datasheet
266Kb / 5P
THYRISTOR MODULE 30A/1200 to 1600V
PCH6012 NIEC-PCH6012 Datasheet
269Kb / 5P
THYRISTOR MODULE 60A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
THYRISTOR MODULE 150A/1200 to 1600V
PCH20012 NIEC-PCH20012 Datasheet
251Kb / 5P
THYRISTOR MODULE 200A/1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
THYRISTOR MODULE 30A /1200 to 1600V
PDT6012 NIEC-PDT6012 Datasheet
273Kb / 5P
THYRISTOR MODULE 60A / 1200 to 1600V
logo
MacMic
MMK60A160B MACMIC-MMK60A160B Datasheet
348Kb / 5P
1600V 60A thyristor Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com