Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911 Datasheet (PDF) - STMicroelectronics

ST25R3911 Datasheet PDF - STMicroelectronics
Part # ST25R3911
Download  ST25R3911 Download
File Size   123.25 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT

ST25R3911 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25R3911 Datasheet PDF - STMicroelectronics

Part # ST25R3911
Download  ST25R3911 Click to download

File Size   123.25 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT

ST25R3911 Datasheet (HTML) - STMicroelectronics


ST25R3911 Product details

Description
The ST25R3911 is a highly integrated HF reader / NFC initiator IC, including the analog front end (AFE) and a highly integrated data framing system for ISO 18092 (NFCIP-1) initiator, ISO 18092 (NFCIP-1) active target, ISO 14443A and B reader (including high bit rates) and FeliCa™ reader. Implementation of other standard and custom protocols like MIFARE™ Classic is possible using the AFE and implementing framing in the external microcontroller (Stream and Transparent modes). The ST25R3911 is positioned perfectly for the infrastructure side of the NFC system, where users need optimal RF performance and flexibility combined with low power. Thanks to Automatic Antenna Tuning technology the device is optimized for applications with directly driven antennas. The ST25R3911 is alone in the domain of HF reader ICs as it contains two differential low impedance (1 Ohm) antenna drivers. The ST25R3911 includes several features that make it very suited for low power applications. It contains a low power capacitive sensor that can be used to detect the presence of a card without switching on the reader field. The presence of a card can also be detected by performing a measurement of amplitude or phase of signal on antenna LC tank, and comparing it to the stored reference. It also contains a low power RC oscillator and wake-up timer that can be used to wake up the system after a defined time period, and to check for the presence of a tag using one or more low power detection techniques (capacitive, phase or amplitude). The ST25R3911 is designed to operate from a wide (2.4 V to 5.5 V) power supply range; peripheral interface IO pins support power supply range from 1.65 V to 5.5 V. QFN32

Features
■ ISO 18092 (NFCIP-1) Active P2P
■ ISO14443A, ISO14443B and FeliCa™
■ Supports VHBR (3.4 Mbit/s PICC to PCD framing, 6.8 Mbit/s AFE and PCD to PICC framing)
■ Capacitive sensing - Wake-up
■ Automatic antenna tuning system providing tuning of antenna LC tank
■ Automatic modulation index adjustment
■ AM and PM (I/Q) demodulator channels with automatic selection
■ Up to 1 W in case of differential output
■ User selectable and automatic gain control
■ Transparent and Stream modes to implement MIFARE™ Classic compliant or other custom protocols
■ Possibility of driving two antennas in single ended mode
■ Oscillator input capable of operating with 13.56 MHz or 27.12 MHz crystal with fast start-up
■ 6 Mbit/s SPI with 96 bytes FIFO
■ Wide supply voltage range from 2.4 V to 5.5 V
■ Wide temperature range: -40 °C to 125 °C
■ QFN32, 5 mm x 5 mm package




Similar Part No. - ST25R3911

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3911B-AQFT STMICROELECTRONICS-ST25R3911B-AQFT Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
More results


Similar Description - ST25R3911

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
STMicroelectronics
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3914 STMICROELECTRONICS-ST25R3914_V01 Datasheet
172Kb / 3P
Automotive high performance HF reader / NFC initiator with 1 W output power supporting AAT
25-Jun-2019
ST25R3916 STMICROELECTRONICS-ST25R3916 Datasheet
2Mb / 157P
High performance NFC universal device and EMVCo™ reader
06-Aug-2021
ST25R3912 STMICROELECTRONICS-ST25R3912 Datasheet
2Mb / 130P
High performance HF reader / NFC initiator for payment applications with 1 W output power
26-Apr-2022
logo
ELATEC GmbH
T4BT-FB2BEL2 ELATEC-T4BT-FB2BEL2 Datasheet
226Kb / 4P
TWN4 MultiTech 2 HF Single-frequency HF RFID reader with NFC support
11/2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com