Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet (PDF) - STMicroelectronics

ST25R3911B Datasheet PDF - STMicroelectronics
Part # ST25R3911B
Download  ST25R3911B Download
File Size   2064.57 Kbytes
Page   129 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automatic antenna tuning system providing tuning of antenna LC tank

ST25R3911B Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25R3911B Datasheet PDF - STMicroelectronics

Part # ST25R3911B
Download  ST25R3911B Click to download

File Size   2064.57 Kbytes
Page   129 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automatic antenna tuning system providing tuning of antenna LC tank

ST25R3911B Datasheet (HTML) - STMicroelectronics


ST25R3911B Product details

Description
The ST25R3911B is a highly integrated NFC Initiator / HF Reader IC, including the analog front end (AFE) and a highly integrated data framing system for ISO 18092 (NFCIP-1) initiator, ISO 18092 (NFCIP-1) active target, ISO 14443A and B reader (including high bit rates) and FeliCa™ reader. Implementation of other standard and custom protocols like MIFARE™ Classic is possible using the AFE and implementing framing in the external microcontroller (Stream and Transparent modes). The ST25R3911B is positioned perfectly for the infrastructure side of the NFC system, where users need optimal RF performance and flexibility combined with low power. Thanks to automatic antenna tuning (AAT) technology, the device is optimized for applications with directly driven antennas. The ST25R3911B is alone in the domain of HF reader ICs as it contains two differential low impedance (1 Ohm) antenna drivers. The ST25R3911B includes several features that make it very suited for low power applications. It contains a low power capacitive sensor that can be used to detect the presence of a card without switching on the reader field. The presence of a card can also be detected by performing a measurement of amplitude or phase of signal on antenna LC tank, and comparing it to the stored reference. It also contains a low power RC oscillator and wake-up timer that can be used to wake up the system after a defined time period, and to check for the presence of a tag using one or more low power detection techniques (capacitive, phase or amplitude). The ST25R3911B is designed to operate from a wide (2.4 V to 5.5 V) power supply range; peripheral interface IO pins support power supply range from 1.65 V to 5.5 V. Wafer QFN32

Features
■ ISO 18092 (NFCIP-1) Active P2P
■ ISO14443A, ISO14443B and FeliCa™
■ Supports VHBR (3.4 Mbit/s PICC to PCD framing, 6.8 Mbit/s AFE and PCD to PICC framing)
■ Capacitive sensing - Wake-up
■ Automatic antenna tuning system providing tuning of antenna LC tank
■ Automatic modulation index adjustment
■ AM and PM (I/Q) demodulator channels with automatic selection
■ DPO (Dynamic Power Output)
■ Up to 1.4 W in case of differential output
■ User selectable and automatic gain control
■ Transparent and Stream modes to implement MIFARE™ Classic compliant or other custom protocols
■ Possibility of driving two antennas in single ended mode
■ Oscillator input capable of operating with 13.56 MHz or 27.12 MHz crystal with fast start-up
■ 6 Mbit/s SPI with 96 bytes FIFO
■ Wide supply voltage range from 2.4 V to 5.5 V
■ Wide temperature range: -40 °C to 125 °C
■ QFN32, 5 mm x 5 mm package




Similar Part No. - ST25R3911B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
ST25R3911B STMICROELECTRONICS-ST25R3911B_V01 Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
More results


Similar Description - ST25R3911B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
Automatic antenna tuning circuit
logo
Zilog, Inc.
Z90T365 ZILOG-Z90T365 Datasheet
230Kb / 6P
Automatic frequency tuning
logo
STMicroelectronics
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
Antenna tuning circuit
19-Feb-2014
logo
Infineon Technologies A...
BGSA143GL10 INFINEON-BGSA143GL10 Datasheet
296Kb / 2P
Low Resistance Antenna Tuning Switch
Revision 2.0 2019-09-19
BGSA143ML10 INFINEON-BGSA143ML10 Datasheet
562Kb / 2P
Low Resistance Antenna Tuning Switch
Revision2.1 2019-11-29
BGSA402ML10 INFINEON-BGSA402ML10 Datasheet
387Kb / 2P
Low Resistance Antenna Tuning Shunt Switch
Revision 2.1 2019-10-25
BGSA14M2N10 INFINEON-BGSA14M2N10 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
SP005410271 INFINEON-SP005410271 Datasheet
120Kb / 2P
Ultra high RF voltage antenna tuning switch
Revision 2.1 2022-01-24
SP005561452 INFINEON-SP005561452 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com