Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTOT840 Datasheet (PDF) - NXP Semiconductors

HTOT840 Datasheet PDF - NXP Semiconductors
Part # HTOT840
Download  HTOT840 Download
File Size   72.87 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description HITAGTM Antenna Tuning Device

HTOT840 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTOT840 Datasheet PDF - NXP Semiconductors

Part # HTOT840
Download  HTOT840 Click to download

File Size   72.87 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description HITAGTM Antenna Tuning Device

HTOT840 Datasheet (HTML) - NXP Semiconductors


HTOT840 Product details

General Remarks
For optimal performance HITAG antennas have to be tuned during production, respectively by start-up or, for service purposes, during operation. The HITAG Antenna Tuning Device is a very easy to handle and cost effective solution for the tuning of 125 kHz HITAG antennas. The device is - besides the HITAG antenna training - the optimal complement for antenna design. The HT OT840 therefore is an unrenouncable tool for everybody who designs, produces or even uses HITAG antennas.
The HITAG Antenna Tuning Device can be used for tuning HITAG long range as well as HITAG proximity antennas.

Specifications
• temperature range: 0 .. 50°C
• protection class: IP40
• precision at room temperature: measuring current: class 5 measuring phase: class 10
• phase sensitivity: ± 50 parts of scale are ± 50° (for rough tuning of an antenna with L ≈ 1 mH and Q ≈ 40.)
• connection: three-pole DIN - connectors




Similar Part No. - HTOT840

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
logo
Honeywell Solid State E...
HTOP01 HONEYWELL-HTOP01 Datasheet
209Kb / 6P
High Temperature Dual Precision Operational Amplifier
logo
Greystone Energy System...
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
logo
Inolux Corporation
HTOV411040UB INOLUX-HTOV411040UB Datasheet
609Kb / 10P
4mm Oval Lamp
HTOV411040UR INOLUX-HTOV411040UR Datasheet
609Kb / 10P
4mm Oval Lamp
More results


Similar Description - HTOT840

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
Automatic antenna tuning circuit
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
Antenna tuning circuit
19-Feb-2014
logo
Infineon Technologies A...
BGSA143GL10 INFINEON-BGSA143GL10 Datasheet
296Kb / 2P
Low Resistance Antenna Tuning Switch
Revision 2.0 2019-09-19
BGSA143ML10 INFINEON-BGSA143ML10 Datasheet
562Kb / 2P
Low Resistance Antenna Tuning Switch
Revision2.1 2019-11-29
BGSA402ML10 INFINEON-BGSA402ML10 Datasheet
387Kb / 2P
Low Resistance Antenna Tuning Shunt Switch
Revision 2.1 2019-10-25
BGSA14M2N10 INFINEON-BGSA14M2N10 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
SP005410271 INFINEON-SP005410271 Datasheet
120Kb / 2P
Ultra high RF voltage antenna tuning switch
Revision 2.1 2022-01-24
SP005561452 INFINEON-SP005561452 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com