Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHVDAC-253M Datasheet (PDF) - STMicroelectronics

STHVDAC-253M Datasheet PDF - STMicroelectronics
Part # STHVDAC-253M
Download  STHVDAC-253M Download
File Size   543.83 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Antenna tuning circuit

STHVDAC-253M Datasheet (PDF)

Go To PDF Page Download Datasheet
STHVDAC-253M Datasheet PDF - STMicroelectronics

Part # STHVDAC-253M
Download  STHVDAC-253M Click to download

File Size   543.83 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Antenna tuning circuit

STHVDAC-253M Datasheet (HTML) - STMicroelectronics


STHVDAC-253M Product details

Description
The ST BST capacitance controller STHVDAC-253M is a high voltage digital to analog converter (DAC), specifically designed to control and meet the wide tuning bias voltage requirement of the BST tunable capacitances. It provides 3 independent high voltage outputs, thus having the capability to control 3 different capacitances. It is fully controlled through a RFFE serial interface. BST capacitances are tunable capacitances intended for use in mobile phone application, and dedicated to RF tunable applications. These tunable capacitances are controlled through a bias voltage ranging from 0 to 25 V. The implementation of BST tunable capacitance in mobile phones enables significant improvement in terms of radiated performances, making the performance almost insensitive to the external environment.

Features
■ Dedicated ASIC to control BST tunable capacitances
■ Operation compliant with cellular systems requirements
■ Integrated boost converter with 3 programmable outputs (from 0 to 25 V)
■ Low power consumption
■ MIPI RFFE serial interface 1.8 V
■ Available in WLCSP for stand-alone or SiP module integration
■ RF tunable passive implementation in mobile phones to optimize the radiated performances




Similar Part No. - STHVDAC-253M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
More results


Similar Description - STHVDAC-253M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
STMicroelectronics
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
Antenna tuning circuit with turbo and glide
02-Nov-2015
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
Automatic antenna tuning circuit
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
logo
Infineon Technologies A...
BGSA143GL10 INFINEON-BGSA143GL10 Datasheet
296Kb / 2P
Low Resistance Antenna Tuning Switch
Revision 2.0 2019-09-19
BGSA143ML10 INFINEON-BGSA143ML10 Datasheet
562Kb / 2P
Low Resistance Antenna Tuning Switch
Revision2.1 2019-11-29
BGSA402ML10 INFINEON-BGSA402ML10 Datasheet
387Kb / 2P
Low Resistance Antenna Tuning Shunt Switch
Revision 2.1 2019-10-25
BGSA14M2N10 INFINEON-BGSA14M2N10 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
SP005561452 INFINEON-SP005561452 Datasheet
118Kb / 2P
Ultra small antenna tuning SP4T
Revision 2.0 2021-12-17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com