Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHVDAC-256MTG Datasheet (PDF) - STMicroelectronics

STHVDAC-256MTG Datasheet PDF - STMicroelectronics
Part # STHVDAC-256MTG
Download  STHVDAC-256MTG Download
File Size   650.41 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Antenna tuning circuit with turbo and glide

STHVDAC-256MTG Datasheet (PDF)

Go To PDF Page Download Datasheet
STHVDAC-256MTG Datasheet PDF - STMicroelectronics

Part # STHVDAC-256MTG
Download  STHVDAC-256MTG Click to download

File Size   650.41 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Antenna tuning circuit with turbo and glide

STHVDAC-256MTG Datasheet (HTML) - STMicroelectronics


STHVDAC-256MTG Product details

Description
The ST high voltage BST capacitor controller STHVDAC-256MTG is a high voltage digital to analog converter (DAC), specifically designed to control and meet the wide tuning bias voltage requirement of the BST tunable capacitors. It provides 6 independent high voltage outputs, thus having the capability to control 6 different capacitors. It is fully controlled through an RFFE serial interface. BST capacitors are tunable capacitors intended for use in mobile phone application and dedicated to RF tunable application. These tunable capacitors are controlled through a bias voltage ranging from 0 to 24 V. The implementation of BST tunable capacitor in mobile phones enables significant improvement in term of radiated performance, making the performance almost insensitive to external environment.

Features
■ Dedicated controller to bias BST tunable capacitors
■ Operation compliant with cellular systems requirements
■ Turbo and glide modes for optimal system performance
■ Integrated boost converter with 6 programmable outputs (from 0 to 24 V)
■ Low power consumption
■ MIPI RFFE serial interface 1,8 V
■ Available in WLCSP for stand-alone or SiP module integration




Similar Part No. - STHVDAC-256MTG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
Antenna tuning circuit
19-Feb-2014
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
More results


Similar Description - STHVDAC-256MTG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTOT840 PHILIPS-HTOT840 Datasheet
72Kb / 8P
HITAGTM Antenna Tuning Device
November 1996 Revision1.1
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
Automatic antenna tuning circuit
logo
Motorola, Inc
MC44871 MOTOROLA-MC44871 Datasheet
202Kb / 12P
PLL TUNING CIRCUIT WITH HIGH SPEED I2C BUS AND 30 V TUNING SUPPLY
logo
STMicroelectronics
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
STHVDAC-253M STMICROELECTRONICS-STHVDAC-253M Datasheet
543Kb / 27P
Antenna tuning circuit
19-Feb-2014
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
10-Aug-2016
logo
Aven, Inc.
26800B-CY3 AVEN-26800B-CY3 Datasheet
775Kb / 1P
Cyclops 3.0 with Ultra-Glide Stand and HD Monitor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com