Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD3422 Datasheet (PDF) - STMicroelectronics

UPSD3422 Datasheet PDF - STMicroelectronics
Part # UPSD3422_V01
Download  UPSD3422 Download
File Size   3491.15 Kbytes
Page   300 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic

UPSD3422 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPSD3422 Datasheet PDF - STMicroelectronics

Part # UPSD3422_V01
Download  UPSD3422 Click to download

File Size   3491.15 Kbytes
Page   300 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic

UPSD3422 Datasheet (HTML) - STMicroelectronics


UPSD3422 Product details

Features
■ Fast 8-bit Turbo 8032 MCU, 40 MHz
– Advanced core, 4-clocks per instruction
– 10 MIPs peak performance at 40 MHz (5 V)
– JTAG debug and in-system programming
– 16-bit internal instruction path fetches
double-byte instruction in a single memory
cycle
– Branch cache & 4 instruction prefetch
queue
– Dual XDATA pointers with automatic
increment and decrement
– Compatible with 3rd party 8051 tools
■ Dual Flash memories with memory
management
– Place either memory into 8032 program
address space or data address space
– READ-while-WRITE operation for inapplication programming and EEPROM
emulation
– Single voltage program and erase
– 100 000 guaranteed erase cycles, 15-year
retention
■ Clock, reset, and power supply management
– Flexible 8-level CPU clock divider register
– Normal, Idle, and power-down modes
– Power-on-reset and low-voltage-reset
supervisor
– Programmable watchdog timer
■ Programmable logic, general purpose
– 16 macrocells for logic applications (e.g.,
shifters, state machines, chip-selects, gluelogic to keypads, and LCDs)
■ A/D converter
– Eight channels, 10-bit resolution, 6 µs
■ Operating voltage source (±10%)
– 5 V devices: 5.0 V and 3.3 V sources
– 3.3 V devices: 3.3 V source
■ Communication interfaces
– USB v2.0 Full Speed (12Mbps)
– 10 endpoint pairs (In/Out), each endpoint
with 64-byte FIFO (supports Control, Intr,
and Bulk transfer types)
– I2C Master/Slave controller, 833kHz
– SPI Master controller, 10MHz
– Two UARTs with independent baud rate
– IrDA potocol: up to 115 kbaud
– Up to 46 I/O, 5 V tolerant uPSD34xxV
■ Timers and interrupts
– Three 8032 standard 16-bit timers
– Programmable counter array (PCA), six 16-
bit modules for PWM, CAPCOM, and
timers
– 8/10/16-bit PWM operation
– 12 Interrupt sources with two external
interrupt pins
■ Packages
– ECOPACK® compliant




Similar Part No. - UPSD3422_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422EV-40T6 STMICROELECTRONICS-UPSD3422EV-40T6 Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
UPSD3422EV-40T6 STMICROELECTRONICS-UPSD3422EV-40T6 Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422EV-40T6T STMICROELECTRONICS-UPSD3422EV-40T6T Datasheet
4Mb / 264P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422EV-40T6T STMICROELECTRONICS-UPSD3422EV-40T6T Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3422EV-40T6T STMICROELECTRONICS-UPSD3422EV-40T6T Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
More results


Similar Description - UPSD3422_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
18-Dec-2002
UPSD33XX STMICROELECTRONICS-UPSD33XX Datasheet
3Mb / 231P
Fast 8032 MCU with Programmable Logic
01-Jul-2003
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
11-Jul-2006
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
Fast Turbo 8032 MCU with USB and Programmable Logic
07-Feb-2005
logo
Pixart Imaging Inc.
PAC107 PIXART-PAC107 Datasheet
1Mb / 53P
SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
logo
STMicroelectronics
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
8032 MCU with USB and Programmable Logic
Nov-2004
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
fast 8032 MCU with programmable logic
01-Jul-2003
STHVDAC-253MTG STMICROELECTRONICS-STHVDAC-253MTG Datasheet
672Kb / 28P
Antenna tuning circuit with turbo and glide
17-Nov-2015
STHVDAC-256MTG STMICROELECTRONICS-STHVDAC-256MTG Datasheet
650Kb / 27P
Antenna tuning circuit with turbo and glide
02-Nov-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com