Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A110 Datasheet (PDF) - STMicroelectronics

STSAFE-A110 Datasheet PDF - STMicroelectronics
Part # STSAFE-A110
Download  STSAFE-A110 Download
File Size   619.32 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Authentication, state-of-the-art security for peripherals and IoT devices

STSAFE-A110 Datasheet (PDF)

Go To PDF Page Download Datasheet
STSAFE-A110 Datasheet PDF - STMicroelectronics

Part # STSAFE-A110
Download  STSAFE-A110 Click to download

File Size   619.32 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Authentication, state-of-the-art security for peripherals and IoT devices

STSAFE-A110 Datasheet (HTML) - STMicroelectronics


STSAFE-A110 Product details

Features
■ Authentication for: – Consumables and peripherals – eCloud Internet of things (IoT) connected objects – USB Type-C™ power delivery chargers – Qi over-the-air chargers
■ Secure channel establishment with remote host including transport layer security (TLS) handshake
■ Signature verification service (secure boot and firmware upgrade)
■ Usage monitoring with secure counters
■ Pairing and secure channel with host application processor
■ Wrapping and unwrapping of local host envelopes
■ Symmetric data encryption or decryption (up to 16 keys)
■ On-chip key pair generation
■ LPWAN security ready: – Preloading with Sigfox™ or LoRaWAN® credentials – Frame signature and verification – Frame encryption and decryption Security features
■ Latest generation of highly secure MCUs – Unique serial number on each die – CC EAL5+ AVA_VAN5 Common Criteria certified – Active shield – Monitoring of environmental parameters – Protection mechanism against faults – Protection against side-channel attacks
■ Advanced asymmetric cryptography – Elliptic curve cryptography (ECC) with NIST or Brainpool 256-bit and 384-bit curves – Elliptic curve digital signature algorithm (ECDSA) with SHA-256 and SHA-384 for digital signature generation and verification – Elliptic curve Diffie-Hellman (ECDH) for key establishment
■ Advanced symmetric cryptography – Secure operating system with protection against logical and physical attacks
■ Secure operating system – Secure STSAFE-A110 kernel for authentication and data management – Protection against logical and physical attacks Hardware features
■ 6 Kbytes of configurable non-volatile memory – Highly reliable CMOS EEPROM technology – 30 years’ data retention at 25 °C – 500 000 erase / program cycles endurance at 25 °C – 1.62 V to 5.5 V continuous supply voltage
■ Operating temperature: −40 to 105 °C SO8N (4 × 5 mm) UFDFPN8 (2 × 3 mm)




Similar Part No. - STSAFE-A110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSAFE-A120 STMICROELECTRONICS-STSAFE-A120 Datasheet
667Kb / 38P
Secure authentication companion device for consumables, accessories, and connected objects
Rev 1
More results


Similar Description - STSAFE-A110

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53E STMICROELECTRONICS-VIPER53E Datasheet
392Kb / 1P
STATE OF THE ART PRIMARY SIDE SWITCH FOR AC/DC CONVERTERS
logo
List of Unclassifed Man...
TRR2A12F ETC1-TRR2A12F Datasheet
159Kb / 2P
Miniature, cost-efective switching solution,,state of the art capsule designs
logo
Texas Instruments
BQ26150 TI-BQ26150 Datasheet
461Kb / 16P
BATTERY PACK SECURITY AND AUTHENTICATION IC FOR PORTABLE APPLICATIONS (bqSECURE)
logo
Omron Electronics LLC
G6SU-2F-DC3 OMRON-G6SU-2F-DC3 Datasheet
135Kb / 2P
State-of-the-Art SMT Design Industry Standard
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
State of the art protection for every application
logo
LUMEX INC.
SSL-LX5093YD LUMEX-SSL-LX5093YD Datasheet
99Kb / 3P
State-of-the-Art, High Brightness Chip Technology
logo
List of Unclassifed Man...
S6-DLX ETC2-S6-DLX Datasheet
484Kb / 3P
Surge Suppressor- State of the art protection for every application
logo
Texas Instruments
BQ26100 TI1-BQ26100_15 Datasheet
955Kb / 29P
Based Security and Authentication IC
logo
Alpha & Omega Semicondu...
AOZ5166QI-01PR AOSMD-AOZ5166QI-01PR Datasheet
60Kb / 2P
Versatile synchronous buck power stage feature state-of-the-art technology
logo
List of Unclassifed Man...
EVALU8R ETC2-EVALU8R Datasheet
501Kb / 26P
State-of-the Art Evaluation Module for 8, 20 & 40-pin Microcontrollers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com