Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAFE-A120 Datasheet (PDF) - STMicroelectronics

STSAFE-A120 Datasheet PDF - STMicroelectronics
Part # STSAFE-A120
Download  STSAFE-A120 Download
File Size   667.74 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Secure authentication companion device for consumables, accessories, and connected objects

STSAFE-A120 Datasheet (PDF)

Go To PDF Page Download Datasheet
STSAFE-A120 Datasheet PDF - STMicroelectronics

Part # STSAFE-A120
Download  STSAFE-A120 Click to download

File Size   667.74 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Secure authentication companion device for consumables, accessories, and connected objects

STSAFE-A120 Datasheet (HTML) - STMicroelectronics


STSAFE-A120 Product details

Features
■ Unique ID
■ Authentication for: – Consumables and accessories anticloning – Connected objects secure connection and preattachment to clouds (Azure, AWS, and others) – Wireless chargers Qi 1.3 and Qi 2.0 – Matter devices – Digital power supplies OCP M-CRPS
■ Pairing and secure channel with host application processor
■ Configurable secure storage
■ Usage monitoring with secure counters
■ Secure connection establishment with remote host including transport layer security (TLS 1.2 and TLS 1.3) handshake
■ Signature verification service (secure boot and firmware upgrade)
■ Secure storage in host nonvolatile memory based on wrapping and unwrapping of local host envelopes
■ Data hashing
■ Symmetric data encryption or decryption
■ On-chip key pair generation Cryptography and security features
■ Advanced asymmetric cryptography – 5 Elliptic curve crytpography (ECC), nonvolatile private key slots + 1 ephemeral ECC key slot – Supported elliptic curves: ◦ NIST P-256 P-384, P-521 ◦ Brainpool P-256 P-384, P-512 ◦ Edwards 25519 ◦ Curve25519
■ Supported functionalities: – Digital signature generation and verification (ECDSA and EdDSA) – Diffie-Hellman shared secret establishment (ECDH)
■ Advanced symmetric cryptography – 16 slots of symmetric cryptography with AES-128/256 CCM*, ECB, GCM, CMAC, and HKDF
■ Pairing with host-applicative processor – AES 128-bit or 256-bit
■ Local wrap/unwrap envelop key – 2 slots of keys with AES 128-bit or AES 256-bit
■ Data hashing – SHA-2 with SHA-256, SHA-384, SHA-512 – SHA-3 with SHA3-256, SHA3-384, SHA3-512 SO8N 4 × 5 mm UFDFPN8 2 × 3 mm Product status STSAFE-A120 Secure authentication companion device for consumables, accessories, and connected objects STSAFE-A120 Datasheet DS14609 - Rev 1 - April 2024 For further information contact your local STMicroelectronics sales office.




Similar Part No. - STSAFE-A120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
Authentication, state-of-the-art security for peripherals and IoT devices
19-Dec-2019
More results


Similar Description - STSAFE-A120

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-001 SEMTECH-UR8HC007-001 Datasheet
149Kb / 18P
Input Device and Power Management Companion IC for Jupiter Devices
logo
ATMEL Corporation
AT88SC1608 ATMEL-AT88SC1608 Datasheet
253Kb / 25P
8 x 256 x 8 Secure Memory with Authentication
AT88SC153 ATMEL-AT88SC153 Datasheet
365Kb / 24P
3 x 64 x 8 Secure Memory with Authentication
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
Intersil Corporation
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
FlexiHash For Battery Authentication
March 9, 2006
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
FlexiHash??For Battery Authentication
logo
NXP Semiconductors
A7001AG NXP-A7001AG Datasheet
379Kb / 16P
Secure authentication microcontroller 100 kbit/s I2C slave interface
Rev. 1.1-18 March 2011
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
Secure Shell (SSH) access provides strong authentication and secure communications
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com