Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC1608 Datasheet (PDF) - ATMEL Corporation

AT88SC1608 Datasheet PDF - ATMEL Corporation
Part # AT88SC1608
Download  AT88SC1608 Download
File Size   253.03 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8 x 256 x 8 Secure Memory with Authentication

AT88SC1608 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88SC1608 Datasheet PDF - ATMEL Corporation

Part # AT88SC1608
Download  AT88SC1608 Click to download

File Size   253.03 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8 x 256 x 8 Secure Memory with Authentication

AT88SC1608 Datasheet (HTML) - ATMEL Corporation


AT88SC1608 Product details

Description

The AT88SC1608 provides 17,408 bits of serial EEPROM memory organized as one configuration zone of 128 bytes and eight user zones of 256 bytes each. This device is optimized as a “secure memory”for the smart card market, secure identification for electronic data transfer, or components in a system, without the requirement of an internal microprocessor.



Features

• One 128 x 8 (1K bit) Configuration Zone

• Eight 256 x 8 (16K bits) User Zones

• Low Voltage Operation: 2.7V to 5.5V

• Two-wire Serial Interface

• 16-byte Page Write Mode

• Self-timed Write Cycle (10 ms max)

• Answer-to-Reset Register

• High Security Memory Including Anti-wiretapping

– 64-bit Authentication Protocol (under exclusive patent license from ELVA)

– Authentication Attempts Counter

– Eight Sets of Two 24-bit Passwords

– Specific Passwords for Read and Write

– Sixteen Password Attempts Counters

– Selectable Access Rights by Zone

• ISO Compliant Packaging

• High Reliability

– Endurance: 100,000 Cycles

– Data Retention: 100 Years

– ESD Protection: 4,000V (min)

• Low-power CMOS



 




Similar Part No. - AT88SC1608

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1608 ATMEL-AT88SC1608_14 Datasheet
482Kb / 24P
High Security Memory Including Anti-wiretapping
More results


Similar Description - AT88SC1608

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F004SU SHARP-LH28F004SU Datasheet
2Mb / 39P
4Mbit(512Kbit x 8, 256 Kbit x 16) 5V Single Voltage Flash Memory
logo
fujitsu semiconductor
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420 Datasheet
163Kb / 16P
CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
logo
ATMEL Corporation
AT88SC153 ATMEL-AT88SC153 Datasheet
365Kb / 24P
3 x 64 x 8 Secure Memory with Authentication
logo
Maxwell Technologies
48SD3208 MAXWELL-48SD3208 Datasheet
589Kb / 39P
256 Mb SDRAM 8-Meg X 8-Bit X 4-Banks
logo
List of Unclassifed Man...
CXK1024P ETC1-CXK1024P Datasheet
15Kb / 1P
MNOS 2K (256 X 8)-BIT NON-VOLATILE MEMORY
logo
fujitsu semiconductor
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Maxim Integrated Produc...
REFD5822 MAXIM-REFD5822 Datasheet
556Kb / 6P
Alcatraz (MAXREFDES34#): SHA-256 Secure Authentication Design
Feb 12, 2014
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com