Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC1608 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC1608
Description  8 x 256 x 8 Secure Memory with Authentication
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1608 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC1608 Datasheet HTML 1Page - ATMEL Corporation AT88SC1608 Datasheet HTML 2Page - ATMEL Corporation AT88SC1608 Datasheet HTML 3Page - ATMEL Corporation AT88SC1608 Datasheet HTML 4Page - ATMEL Corporation AT88SC1608 Datasheet HTML 5Page - ATMEL Corporation AT88SC1608 Datasheet HTML 6Page - ATMEL Corporation AT88SC1608 Datasheet HTML 7Page - ATMEL Corporation AT88SC1608 Datasheet HTML 8Page - ATMEL Corporation AT88SC1608 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
AT88SC1608
0971G–SMEM–04/04
Description
The AT88SC1608 provides 17,408 bits of serial EEPROM memory organized as one
configuration zone of 128 bytes and eight user zones of 256 bytes each. This device is
optimized as a “secure memory” for the smart card market, secure identification for elec-
tronic data transfer, or components in a system, without the requirement of an internal
microprocessor.
The embedded authentication protocol allows the memory and the host to authenticate
each other. When this device is used with a host which incorporates a microcontroller
(e.g., AT89C51, AT89C2051, AT90S1200), the system provides an “anti-wiretapping”
configuration. The device and the host exchange “challenges” issued from a random
generator and verify their values through a specific cryptographic function included in
each part. When both agree on the same result, the access to the memory is permitted.
Figure 1. Security Methodology
Device
Host (Reader)
Card Number
Verify A
COMPUTE Challenge B
Challenge B
VERIFY (RPW)
DATA
VERIFY (WPW)
Write 0 or 1
COMPUTE Challenge A
Challenge A
VERIFY B
Read Password (RPW)
Write Password (WPW)
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com