Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC1608 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT88SC1608
Description  8 x 256 x 8 Secure Memory with Authentication
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1608 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT88SC1608 Datasheet HTML 17Page - ATMEL Corporation AT88SC1608 Datasheet HTML 18Page - ATMEL Corporation AT88SC1608 Datasheet HTML 19Page - ATMEL Corporation AT88SC1608 Datasheet HTML 20Page - ATMEL Corporation AT88SC1608 Datasheet HTML 21Page - ATMEL Corporation AT88SC1608 Datasheet HTML 22Page - ATMEL Corporation AT88SC1608 Datasheet HTML 23Page - ATMEL Corporation AT88SC1608 Datasheet HTML 24Page - ATMEL Corporation AT88SC1608 Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
AT88SC1608
0971G–SMEM–04/04
Smart Card Modules
*Note: The module dimensions listed refer to the dimensions of the exposed metal contact area. The actual dimensions
of the module after excise or punching from the carrier tape are generally 0.4 mm greater in both directions
(i.e., a punched M2 module will yield 13.0 x 11.8 mm).
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Thickness: 0.58 [mm] max
Pitch: 14.25 [mm]
Glob Top: Round:
8.0 [mm] max
Æ
Ordering Code: 09ET-00
Module Size: M2
Dimension*: 12.6 x 11.4 [mm]
Glob Top: Square: 8.8 x 8.8 [mm]
Thickness: 0.58 [mm]
Pitch: 14.25 [mm]
Ordering Code: 09PT-00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com