Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88SC1608 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT88SC1608
Description  8 x 256 x 8 Secure Memory with Authentication
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1608 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT88SC1608 Datasheet HTML 12Page - ATMEL Corporation AT88SC1608 Datasheet HTML 13Page - ATMEL Corporation AT88SC1608 Datasheet HTML 14Page - ATMEL Corporation AT88SC1608 Datasheet HTML 15Page - ATMEL Corporation AT88SC1608 Datasheet HTML 16Page - ATMEL Corporation AT88SC1608 Datasheet HTML 17Page - ATMEL Corporation AT88SC1608 Datasheet HTML 18Page - ATMEL Corporation AT88SC1608 Datasheet HTML 19Page - ATMEL Corporation AT88SC1608 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
AT88SC1608
0971G–SMEM–04/04
DC Characteristics
Table 6. DC Characteristics
Notes:
1. This parameter is preliminary; Atmel may change the specifications upon further characterization.
2. V
IL min and VIH max are reference only and are not tested.
Applicable over recommended operating range from: V
CC = +2.7V to 5.5V, TAC = 0°C to +70°C. (unless otherwise noted).
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
V
CC
(1)
Supply Voltage
2.7
5.5
V
ICC
Supply Current VCC = 5.0V
Read at 1 MHz
5.0
mA
ICC
Supply Current VCC = 5.0V
Write at 1 MHz
5.0
mA
ISB1
(1)
Standby Current VCC = 2.7V
VIN = VCC or GND
1.0
µA
ISB2
Standby Current VCC = 5.0V
VIN = VCC or GND
20.0
µA
I
LI
Input Leakage Current
V
IN = VCC or GND
1.0
µA
I
LI
RST Input Leakage Current
V
IN = VCC or GND
20.0
µA
I
LO
Output Leakage Current
V
OUT = VCC or GND
1.0
µA
VIL
Input Low Level
(2)
−0.3
VCC x 0.3
V
VIH
Input High Level
(2)
VCC x 0.7
VCC + 0.5
V
VOL2
Output Low Level VCC = 2.7V
IOL = 2.1 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com