Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT72420 Datasheet (PDF) - Integrated Device Technology

IDT72420 Datasheet PDF - Integrated Device Technology
Part # IDT72420
Download  IDT72420 Download
File Size   163.54 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8

IDT72420 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT72420 Datasheet PDF - Integrated Device Technology

Part # IDT72420
Download  IDT72420 Click to download

File Size   163.54 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8

IDT72420 Datasheet (HTML) - Integrated Device Technology


IDT72420 Product details

FEATURES:

• 64 x 8-bit organization (IDT72420)

• 256 x 8-bit organization (IDT72200)

• 512 x 8-bit organization (IDT72210)

• 1,024 x 8-bit organization (IDT72220)

• 2,048 x 8-bit organization (IDT72230)

• 4,096 x 8-bit organization (IDT72240)

• 10 ns read/write cycle time (IDT72420/72200/72210/72220/72230/ 72240)

• Read and Write Clocks can be asynchronous or coincidental

• Dual-Ported zero fall-through time architecture

• Empty and Full flags signal FIFO status

• Almost-Empty and Almost-Full flags set to Empty+7 and Full-7, respectively

• Output enable puts output data bus in high-impedance state

• Produced with advanced submicron CMOS technology

• Available in 28-pin 300 mil plastic DIP

• For surface mount product please see the IDT72421/72201/72211/72221/72231/72241 data sheet

• Green parts available, see ordering information



 




Similar Part No. - IDT72420

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420 Datasheet
97Kb / 11P
CMOS SyncFIFO
IDT72420 IDT-IDT72420 Datasheet
258Kb / 11P
CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
CMOS SyncFIFO™
FEBRUARY 2018
logo
Integrated Device Techn...
IDT72420L10TPG IDT-IDT72420L10TPG Datasheet
97Kb / 11P
CMOS SyncFIFO
IDT72420L15TPG IDT-IDT72420L15TPG Datasheet
97Kb / 11P
CMOS SyncFIFO
More results


Similar Description - IDT72420

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
512 x 8 CMOS PROM
March 1997
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
512 x 8 CMOS PROM
March 2004
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com