Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25080B Datasheet (PDF) - ATMEL Corporation

AT25080B Datasheet PDF - ATMEL Corporation
Part # AT25080B
Download  AT25080B Download
File Size   575.99 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)

AT25080B Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25080B Datasheet PDF - ATMEL Corporation

Part # AT25080B
Download  AT25080B Click to download

File Size   575.99 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)

AT25080B Datasheet (HTML) - ATMEL Corporation


AT25080B Product details

Description

The AT25080B/160B provides 8192/16384 bits of serial electrically-erasable programmable read-only memory (EEPROM) organized as 1024/2048 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25080B/160B is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3) and 8-lead TSSOP packages.



Features

• Serial Peripheral Interface (SPI) Compatible

• Supports SPI Modes 0 (0,0) and 3 (1,1)

– Datasheet Describes Mode 0 Operation

• Low-voltage and Standard-voltage Operation

– 1.8 (VCC= 1.8V to 5.5V)

• 20 MHz Clock Rate (5V)

• 32-byte Page Mode

• Block Write Protection

– Protect 1/4, 1/2, or Entire Array

• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software

Data Protection

• Self-timed Write Cycle (5 ms max)

• High Reliability

– Endurance: One Million Write Cycles

– Data Retention: 100 Years

• 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin Mini-MAP (MLP 2x3), 8-lead TSSOP and 8-ball dBGA2 Packages

• Die Sales: Wafer Form, Tape and Reel, and Bumped Wafers




Similar Part No. - AT25080B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B-CUL-T ATMEL-AT25080B-CUL-T Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B-MAHL-T ATMEL-AT25080B-MAHL-T Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B-MEHL-T ATMEL-AT25080B-MEHL-T Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
AT25080B-SSHL-B ATMEL-AT25080B-SSHL-B Datasheet
1Mb / 26P
serial electrically-erasable programmable read-only memory
More results


Similar Description - AT25080B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420 Datasheet
163Kb / 16P
CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
16K (2K x 8) Parallel EEPROMs
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
16K (2K x 8) Parallel EEPROMs
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT93C86A ATMEL-AT93C86A_08 Datasheet
451Kb / 14P
Three-wire Automotive Temperature Serial EEPROM 16K (2048 x 8 or 1024 x 16)
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25320B ATMEL-AT25320B Datasheet
683Kb / 23P
SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
logo
Renesas Technology Corp
R1EX25008ASA00I RENESAS-R1EX25008ASA00I_15 Datasheet
269Kb / 22P
Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit)
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com