Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet (PDF) - Analog Devices

AD8421 Datasheet PDF - Analog Devices
Part # AD8421
Download  AD8421 Download
File Size   2664.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier with Level Shift and Output Clamping

AD8421 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8421 Datasheet PDF - Analog Devices

Part # AD8421
Download  AD8421 Click to download

File Size   2664.54 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier with Level Shift and Output Clamping

AD8421 Datasheet (HTML) - Analog Devices


AD8421 Product details

DESCRIPTION
The LT®6372-1 is a gain programmable, high precision instrumentation amplifier that delivers industry leading DC precision. This high precision enables smaller signals to be sensed and eases calibration requirements, particularly over temperature. The LT6372-1 incorporates features into the LT6370 which further improve accuracy and simplify interfacing to an ADC.

FEATURES
■ Single Gain Set Resistor: G = 1 to >1000
■ Excellent DC Precision
   ■ Input Offset Voltage: 60μV Max
   ■ Input Offset Voltage Drift: 0.6μV/°C Max
   ■ Low Gain Error: 0.01% Max (G = 1)
   ■ Low Gain Drift: 35ppm/°C Max (G > 1)
   ■ High DC CMRR: 86dB Min (G = 1)
■ Integrated Output Clamps
■ Integrated Output Level Shift
■ Input Bias Current: 800pA Max
■ 3.1MHz –3dB Bandwidth (G = 1)
■ Low Noise:
   ■ 0.1Hz to 10Hz Noise: 0.2μVP-P
   ■ 1kHz Voltage Noise: 7nV/√Hz
■ Integrated Input RFI Filter
■ Wide Supply Range 4.75V to 35V
■ Temperature Ranges: –40°C to 85°C and –40°C to 125°C
■ MS16E and 20-Lead 3mm × 4mm QFN Packages

APPLICATIONS
■ Bridge Amplifier
■ Data Acquisition
■ Thermocouple Amplifier
■ Strain Gauge Amplifier
■ Medical Instrumentation
■ Transducer Interfaces
■ Differential to Single-Ended Conversion




Similar Part No. - AD8421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8421 AD-AD8421 Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
AD8421 AD-AD8421 Datasheet
3Mb / 34P
36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD8421ARMZ AD-AD8421ARMZ Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
AD8421ARMZ AD-AD8421ARMZ Datasheet
706Kb / 29P
3 nV/?숰z, Low Power Instrumentation Amplifier
Rev. 0
AD8421ARMZ-R7 AD-AD8421ARMZ-R7 Datasheet
672Kb / 28P
3 nV/?숰z, Low Power
REV. 0
More results


Similar Description - AD8421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA851 TI-INA851_V01 Datasheet
3Mb / 52P
INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
REVISED OCTOBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com