Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8421
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 2 Page - Analog Devices

  AD8421 Datasheet HTML 1Page - Analog Devices AD8421 Datasheet HTML 2Page - Analog Devices AD8421 Datasheet HTML 3Page - Analog Devices AD8421 Datasheet HTML 4Page - Analog Devices AD8421 Datasheet HTML 5Page - Analog Devices AD8421 Datasheet HTML 6Page - Analog Devices AD8421 Datasheet HTML 7Page - Analog Devices AD8421 Datasheet HTML 8Page - Analog Devices AD8421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT6372-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–).................................36V
Input Voltage (+IN, –IN, +RG,S, +RG,F, –RG,S, –RG,F,
REF1, REF2, CLHI, CLLO)... (V– – 0.3V) to (V+ + 0.3V)
Differential Input Voltage
(+IN to –IN).........................................................±36V
(REF1 to REF2) ................................................... ±15V
Input Current (+RG,S, +RG,F, –RG,S, –RG,F).............±2mA
Input Current (+IN, –IN, CLLO) ............................ ±10mA
Input Current (REF1, REF2, CLHI) .......................–10mA
(Note 1)
1
2
3
4
5
6
7
8
–RG,F
–RG,S
NIC
–IN
+IN
NIC
CLLO
V–
16
15
14
13
12
11
10
9
+RG,F
+RG,S
NIC
REF2
V+
OUTPUT
REF1
CLHI
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
θJA = 35°C/W
EXPOSED PAD (PIN 17) MUST FLOAT OR
BE CONNECTED TO V+ IN ADDITION TO PIN 12
17
UDC PACKAGE
20-LEAD (3mm x 4mm) PLASTIC QFN
θJA = 52°C/W
EXPOSED PAD (PIN 21) IS CONNECTED
TO V– (PIN 7) (PCB CONNECTION OPTIONAL)
20 19 18 17
7
8
TOP VIEW
21
V–
9 10
6
5
4
3
2
1
11
12
13
14
15
16
NIC
–IN
NIC
NIC
+IN
NIC
NIC
REF2
V+
OUTPUT
REF1
NIC
Output Short-Circuit Duration.............Thermally Limited
Output Current .......................................................80mA
Operating and Specified Temperature Range
I-Grade.................................................–40°C to 85°C
H-Grade ............................................. –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT6372IMSE-1#PBF
LT6372IMSE-1#TRPBF
63721
16-Lead Plastic MSOP
–40°C to 85°C
LT6372HMSE-1#PBF
LT6372HMSE-1#TRPBF
63721
16-Lead Plastic MSOP
–40°C to 125°C
LT6372IUDC-1#PBF
LT6372IUDC-1#TRPBF
LHHV
20-Lead (3mm x 4mm) Plastic QFN
–40°C to 85°C
LT6372HUDC-1#PBF
LT6372HUDC-1#TRPBF
LHHV
20-Lead (3mm x 4mm) Plastic QFN
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com