Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8421 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8421
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8421 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8421 Datasheet HTML 7Page - Analog Devices AD8421 Datasheet HTML 8Page - Analog Devices AD8421 Datasheet HTML 9Page - Analog Devices AD8421 Datasheet HTML 10Page - Analog Devices AD8421 Datasheet HTML 11Page - Analog Devices AD8421 Datasheet HTML 12Page - Analog Devices AD8421 Datasheet HTML 13Page - Analog Devices AD8421 Datasheet HTML 14Page - Analog Devices AD8421 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT6372-1
11
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
G = 1000
VS = ±15V
TA = 25°C
CL = 100pF
100µs/DIV
VOUT
2V/DIV
6372-1 G49
G = 10
VS = ±15V
TA = 25°C
CL = 100pF
4µs/DIV
VOUT
2V/DIV
6372-1 G47
G = 1
VS = ±15V
TA = 25°C
CL = 100pF
1µs/DIV
VOUT
5mV/DIV
6372-1 G50
G = 100
VS = ±15V
TA = 25°C
CL = 100pF
10µs/DIV
VOUT
2V/DIV
6372-1 G48
G = 10
VS = ±15V
TA = 25°C
CL = 100pF
1µs/DIV
VOUT
5mV/DIV
6372-1 G51
Large Signal Transient Response
Large Signal Transient Response
Large Signal Transient Response
Small Signal Transient Response
Small Signal Transient Response
G = 100
VS = ±15V
TA = 25°C
CL = 100pF
10µs/DIV
VOUT
5mV/DIV
6372-1 G52
G = 1000
VS = ±15V
TA = 25°C
CL = 100pF
100µs/DIV
VOUT
5mV/DIV
6372-1 G53
Small Signal Transient Response
Small Signal Transient Response
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
G = 1
VS = ±15V
TA = 25°C
CL = 100pF
2µs/DIV
VOUT
2V/DIV
6372-1 G46
Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com