Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD780018 Datasheet (PDF) - NEC

UPD780018 Datasheet PDF - NEC
Part # UPD780018
Download  UPD780018 Download
File Size   214.08 Kbytes
Page   42 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD780018 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD780018 Datasheet PDF - NEC

Part # UPD780018
Download  UPD780018 Click to download

File Size   214.08 Kbytes
Page   42 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD780018 Datasheet (HTML) - NEC


UPD780018 Product details

DESCRIPTION
The µPD780016Y and 780018Y are members of the µPD780018Y subseries of the 78K/0 series microcontrollers. Besides a high-speed, high-performance CPU, these microcontrollers have on-chip ROM, RAM, I/O ports, timer, serial interface, real-time output port, interrupt control, and various other peripheral hardware. The µPD78P0018Y devices including a one-time PROM version and an EPROM version, both of which can operate in the same power supply voltage range as a mask ROM version, and various development tools are available.

FEATURES
• Internal high capacity ROM and RAM
• External memory expansion space: 64K bytes
• Instruction execution time can be changed from high-speed (0.4 µs) to ultra-low-speed (122 µs)
• I/O ports: 88
• 8-bit resolution A/D converter: 8 channels
• Timer: 7 channels
• Serial interface: 3 channels
  • 3-wire serial I/O mode(with automatic data transmit/receive function): 1 channel
  • 3-wire serial I/O mode (with time division transfer function): 1 channel
  • I2C bus mode (supporting multi-task): 1 channel
• Supply voltage : VDD = 2.7 to 5.5 V




Similar Part No. - UPD780018

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780018 NEC-UPD780018 Datasheet
552Kb / 58P
8-BIT SINGLE-CHIP MICROCOMPUTER
UPD780018 NEC-UPD780018 Datasheet
1Mb / 26P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780018AY NEC-UPD780018AY Datasheet
565Kb / 66P
8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780018AY NEC-UPD780018AY Datasheet
660Kb / 90P
8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780018Y NEC-UPD780018Y Datasheet
1Mb / 25P
8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Similar Description - UPD780018

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com