Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB01 Datasheet (PDF) - Carlo Gavazzi Holding AG

FMB01 Datasheet PDF - Carlo Gavazzi Holding AG
Part # FMB01
Download  FMB01 Download
File Size   184.14 Kbytes
Page   4 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Timers Multifunction Type FMB01

FMB01 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMB01 Datasheet PDF - Carlo Gavazzi Holding AG

Part # FMB01
Download  FMB01 Click to download

File Size   184.14 Kbytes
Page   4 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Timers Multifunction Type FMB01

FMB01 Datasheet (HTML) - Carlo Gavazzi Holding AG


FMB01 Product details

Product Description
Multifunction timer with 7 functions and selectable time range from 0.05 seconds to 300 hours. 48 x 48 mm for front panel mounting and on 11-pin socket.

• Time range 0.05 s to 300 h
• Knob selection of time range
• Knob adjustable time setting
• Knob selection of operating mode (7 functions):
   Op - delay on operate
   Rb - symmetrical recycler OFF first
   R - symmetrical recycler ON first
   Id - double interval
   Dr - delay on release
   In - interval
   Io - interval on trigger open
• Manual start
• Gate and reset inputs
• Repeatability: ±0.2% on full scale
• Output: 8 A DPDT relay
• 48 x 48 mm housing for front panel mounting
• 11 pin socket
• LED indication for relay status and power supply ON




Similar Part No. - FMB01

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
FMB01 KEC-FMB01 Datasheet
367Kb / 1P
SEMICONDUCTOR PACKAGE DIMENSION
FMB01 KEC-FMB01 Datasheet
367Kb / 1P
SEMICONDUCTOR PACKAGE DIMENSION
More results


Similar Description - FMB01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
SHINMEI ELECTRIC CO., L...
TSW-41 SHINMEI-TSW-41 Datasheet
92Kb / 2P
Multifunction Type Tactile Switches
logo
Carlo Gavazzi Holding A...
DAC51 CARLOGAVAZZI-DAC51 Datasheet
76Kb / 2P
Timers Star Delta Timer Type
DMC01 CARLOGAVAZZI-DMC01 Datasheet
241Kb / 6P
Timers Multifunction
DMB51 CARLOGAVAZZI-DMB51 Datasheet
144Kb / 4P
Timers Multifunction
DMB01 CARLOGAVAZZI-DMB01 Datasheet
138Kb / 4P
Timers Multifunction
ECSSM23A10SF CARLOGAVAZZI-ECSSM23A10SF Datasheet
114Kb / 2P
Timers Symmetrical Recycler Type ECS
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
Timers Interval Type EBS
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
Timers Delay on Operate Type EAS
More results




About Carlo Gavazzi Holding AG


Carlo Gavazzi Holding AG is a publicly-traded Swiss electronics company that designs, manufactures, and markets a wide range of automation components and systems for industrial and building automation applications. The company was founded in 1931 and is headquartered in Steinhausen, Switzerland.

Carlo Gavazzi's products include sensors, switches, relays, and control components, as well as monitoring and energy management systems for use in industrial and commercial applications. The company's products are used in a variety of industries, including manufacturing, building automation, renewable energy, and transportation.

Carlo Gavazzi also offers engineering and consulting services to help customers optimize their automation systems and improve energy efficiency. The company has a global presence, with operations in Europe, the Americas, and Asia, and sells its products through a network of distributors and partners around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com