Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMB01 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # FMB01
Description  Timers Multifunction Type FMB01
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FMB01 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  FMB01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FMB01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG FMB01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG FMB01 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications are subject to change without notice (21.03.08)
FMB01
Function and Time Setting
Lower left knob:
Setting of function
Op - delay on operate
Rb - symmetrical recycler
(OFF first)
R - simmetrical recycler
(On first)
Id - double interval
Dr - delay on release
In - interval
Io - interval on trigger open
Lower right knob:
Time unit selector
0.1s
(0.1 seconds)
sec
(seconds)
10sec (10 seconds)
min
(minutes)
10m
(10 minutes)
hrs
(hours)
10h
(10 hours)
Upper right knob:
Time range selector
12 or 30
Centre knob:
Time setting on absolute
scale
Mode of Operation
Function Op
Delay on operate
The time period begins as
soon as the trigger contact
is closed. At the end of the
set
delay
time
the
relay
operates
and
doesn’t
release until the power sup-
ply is disconnected.
The trigger contact is invalid
while the timer is in opera-
tion.
Function Rb
Symmetrical recycler
(OFF first)
The time period begins as
soon as the input contact is
closed. The relay is OFF
during the set delay period,
after this time it operates for
the same time period. This
sequence
continues
with
equal OFF- and ON- time
periods until power supply is
interrupted.
Function R
Symmetrical recycler
(ON first)
The relay operates and the
time period begins as soon
as
the
input
contact
is
closed. After the set delay
period the relay releases for
the same time period. This
sequence
continues
with
equal ON- and OFF- time
periods until power supply is
interrupted.
Function Id
Double interval
The relay operates and the
time period begins as soon
as the trigger contact is
closed. The relay releases at
the end of this period or
when the power supply is
disconnected.
When
the
trigger contact is opened
the relay operates again for
the set delay period. If the
trigger contact is opened
before the end of the first
time period the second one
begins; if the trigger contact
is closed before the end of
the second time period the
relay keeps ON and the first
time period begins again.
Function Dr
Delay on release
The relay operates as soon
as the trigger contact is
closed.
The
time
period
begins when the trigger con-
tact is opened. The relay
releases at the end of the
set delay time or when the
power supply is disconnect-
ed. The relay operates again
when the input conctact is
closed again. If it is opened
before the end of the delay
time the relay keeps ON, a
new time period begins as
soon
as
the
contact
is
closed again.
Function In
Inteval
The relay operates and the
time period begins as soon
as the trigger contact is
closed. The relay releases at
the end of this period or
when the power supply is
disconnected.
The
relay
operates again when the
trigger
contact
is
closed
again. If the trigger conctact
is closed before the end of
the delay time, the device
resets and a new time peri-
od starts.
Function Io
Inteval on trigger open
The relay operates and the
time period begins as soon
as the trigger contact is
opened. The relay releases
at the end of this period or
when the power supply is
disconnected.
The
relay
operates again when the
trigger contact is opened
again. If the trigger conctact
is opened before the end of
the delay time, the device
resets and a new time peri-
od starts.
Indication for
Power supply On
LED, green
Output relays ON
LED, yellow
(flashing when timing)
Environment
Degree of protection
IP 50 (front panel)
Operating temperature
-10 to +55 °C, R.H. < 85%
Storage temperature
-10 to +55 °C, R.H. < 85%
Housing
Dimesions
48 x 48 mm
Material
PA66
General Specifications
Weight
Approx. 95 g
Approvals
UL, CSA
CE marking
Yes
EMC
Electromagnetic Compatibillity
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer specifications
According to EN 61812-1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com