Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-6430 Datasheet (PDF) - Broadcom Corporation.

AMMP-6430 Datasheet PDF - Broadcom Corporation.
Part # AMMP-6430
Download  AMMP-6430 Download
File Size   271.04 Kbytes
Page   9 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 27-34 GHz, 0.5W Power Amplifier in SMT Package

AMMP-6430 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMP-6430 Datasheet PDF - Broadcom Corporation.

Part # AMMP-6430
Download  AMMP-6430 Click to download

File Size   271.04 Kbytes
Page   9 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 27-34 GHz, 0.5W Power Amplifier in SMT Package

AMMP-6430 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMP-6430

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
27-32 GHz 0.5W Power Amplifier in SMT Package
AMMP-6430-BLKG AVAGO-AMMP-6430-BLKG Datasheet
895Kb / 11P
27-32 GHz 0.5W Power Amplifier in SMT Package
AMMP-6430-BLKG AVAGO-AMMP-6430-BLKG Datasheet
271Kb / 9P
27-34 GHz, 0.5W Power Amplifier in SMT Package
AMMP-6430-BLKG AVAGO-AMMP-6430-BLKG Datasheet
118Kb / 2P
Refer to Appendix A
AMMP-6430-TR1G AVAGO-AMMP-6430-TR1G Datasheet
895Kb / 11P
27-32 GHz 0.5W Power Amplifier in SMT Package
More results


Similar Description - AMMP-6430

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
Amplifier, Power, 0.5W 12.7-15.4 GHz
MAAPGM0028 MACOM-MAAPGM0028 Datasheet
213Kb / 5P
2.0-6.5 GHz 0.5W Power Amplifier
MAAPGM0044-DIE MACOM-MAAPGM0044-DIE Datasheet
255Kb / 5P
Amplifier, Power, 0.5W 11.5-16.5 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6430 AVAGO-AMMP-6430 Datasheet
895Kb / 11P
27-32 GHz 0.5W Power Amplifier in SMT Package
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
18-28 GHz 1W Power Amplifier in SMT Package
logo
Hittite Microwave Corpo...
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6430 AVAGO-AMMP-6430_13 Datasheet
271Kb / 9P
27-34 GHz, 0.5W Power Amplifier in SMT Package
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
37- 40 GHz, 1W Linear Power Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
18-28 GHz 1W Power Amplifier in SMT Package
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com