Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8056 Datasheet (PDF) - Analog Devices

LTM8056 Datasheet PDF - Analog Devices
Part # LTM8056
Download  LTM8056 Download
File Size   2696.09 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Synchronous Boost 關Module Regulator with Input-Output Short Protection

LTM8056 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM8056 Datasheet PDF - Analog Devices

Part # LTM8056
Download  LTM8056 Click to download

File Size   2696.09 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Synchronous Boost 關Module Regulator with Input-Output Short Protection

LTM8056 Datasheet (HTML) - Analog Devices


LTM8056 Product details

DESCRIPTION
The LTM®4656 is a complete high efficiency boost µModule® (power module) regulator with the switching controller, power FETs, inductor, and all supporting components. Only a few input and output capacitors are needed. Operating over an input voltage range of 4.5V to 28V, the LTM4656 supports an output voltage range of 6V to 36V, set by a single external resistor. Its high efficiency design delivers up to 5A continuous output current. An in-line protection circuit sets the maximum input current, and will trip off the input power if exceeded and retry (see Typical Applications section).

FEATURES
■ Complete Boost Switch Mode Power Supply
■ Wide Input Voltage Range: 4.5V to 28V
■ Output Voltage Range: 6V to 36V
■ 4A Continuous Output Current (12VIN, 24VOUT)
■ ±2% Maximum Total Output Voltage Regulation Over Load, Line and Temperature
■ Input Disconnect in Shutdown
■ Inrush Current Limit
■ External Frequency Synchronization
■ Programmable Frequency (350kHz to 780kHz)
■ Parallel Current Sharing
■ Up to 98% Efficiency
■ Selectable Burst Mode® Operation
■ In-Line Overcurrent Protection
■ Overtemperature Protection
■ LTM4656-1 Adjustable Compensation Version
■ 16mm × 16mm × 7.07mm BGA Package

APPLICATIONS
■ Telecom and Networking Equipment
■ Electronic Test Equipment




Similar Part No. - LTM8056

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8056 LINER-LTM8056 Datasheet
352Kb / 26P
38VIN Boost 關Module Regulator for LED Drive with 10A Switch
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
LTM8056 LINER-LTM8056 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTM8056 LINER-LTM8056 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
More results


Similar Description - LTM8056

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
logo
Linear Technology
LTM4636-1 LINER-LTM4636-1 Datasheet
2Mb / 38P
40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com