Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD300F12 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD300F12 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD300F12
Download  PD300F12 Download
File Size   33.67 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD MODULE - 300A/1200V/trr:250nsec

PD300F12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD300F12 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD300F12
Download  PD300F12 Click to download

File Size   33.67 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD MODULE - 300A/1200V/trr:250nsec

PD300F12 Datasheet (HTML) - Nihon Inter Electronics Corporation


PD300F12 Product details

FRD 300A Avg 1200 Volts




Similar Part No. - PD300F12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD300F12 NIEC-PD300F12 Datasheet
150Kb / 2P
300A Avg 1200 Volts
PD300F12 NIEC-PD300F12_1 Datasheet
150Kb / 2P
300A Avg 1200 Volts
logo
National Instruments Co...
PD300F12 NI-PD300F12_15 Datasheet
150Kb / 2P
FRD
More results


Similar Description - PD300F12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH270F2 NIEC-PH270F2 Datasheet
30Kb / 2P
FRD MODULE 270A/200V/trr:150nsec
PC100F6 NIEC-PC100F6 Datasheet
30Kb / 2P
FRD MODULE 100A/600V/trr:110nsec
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
PD100F6 NIEC-PD100F6 Datasheet
30Kb / 2P
FRD MODULE - 100A/600V/trr:110nsec
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
FRD MODULE - 100A/1200V/trr:250nsec
logo
MagnaChip Semiconductor...
MPSC2N60U120 MGCHIP-MPSC2N60U120 Datasheet
628Kb / 5P
1200V FRD Module
MPSC2N75U120 MGCHIP-MPSC2N75U120 Datasheet
639Kb / 5P
1200V FRD Module
MPSC2N100U120 MGCHIP-MPSC2N100U120 Datasheet
641Kb / 5P
1200V FRD Module
MPSC2N125U120 MGCHIP-MPSC2N125U120 Datasheet
649Kb / 5P
1200V FRD Module
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com